Electronic Components Datasheet Search
  English  ▼

X  

GWP7STA2.PM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWP7STA2.PM
Description  Street and tunnel lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7STA2.PM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWP7STA2.PM Datasheet HTML 1Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 2Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 3Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 4Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 5Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 6Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 7Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 8Page - OSRAM GmbH GWP7STA2.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-06-30
Datasheet
GW P7STA2.PM
Ultra high power LED with high performance, superior
robustness and long lifetime.
Ultra-Hochleistungs-LED mit hoher Effizienz,
überlegener Stabilität und langer Lebensdauer.
Features:
Besondere Merkmale:
•
Package: New SMD epoxy package with silicone
lens
•
Gehäusetyp: Neues SMD Epoxyd Gehäuse mit
Silikonlinse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 6500 K (white)
•
Farbe: 3000 K - 6500 K (weiß)
•
CRI: min. 70 ( typ. 72 )
•
CRI: min. 70 ( typ. 72 )
•
Luminous Flux: typ. 1181 lm @ 5000 K, 85 °C
•
Lichtstrom: typ. 1181 lm @ 5000 K, 85 °C
•
Luminous efficacy: typ. 147 lm/W @ 5000 K,
85 °C
•
Lichtausbeute: typ. 147 lm/W @ 5000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Applications
Anwendungen
•
Street and tunnel lighting
•
Straßen und Tunnel
•
Outdoor lighting
•
Außenbeleuchtung
OSCONIQ® P 7070
Version 1.2
2017-08-14
1


Similar Part No. - GWP7STA2.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7STA1.PM OSRAM-GWP7STA1.PM Datasheet
1Mb / 23P
New SMD epoxy package with silicone lens
More results

Similar Description - GWP7STA2.PM

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
CS112 LUMILEDS-CS112 Datasheet
2Mb / 3P
Thailand Launches Ambitious Street Lighting Project
logo
Ledil, Inc.
FN15188 LEDIL-FN15188 Datasheet
9Mb / 8P
~25째 street beam for warehouse and outdoor lighting. White version
CA14120 LEDIL-CA14120 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA14122 LEDIL-CA14122 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA10967 LEDIL-CA10967 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks
C14991 LEDIL-C14991 Datasheet
5Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C13956 LEDIL-C13956 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C14119 LEDIL-C14119 Datasheet
1Mb / 5P
Beam for symmetrical tunnel lighting and parking garages
FN13323 LEDIL-FN13323 Datasheet
4Mb / 12P
Type ll and lll beam for street lighting.
FN14253 LEDIL-FN14253 Datasheet
6Mb / 10P
Type ll and lll beam for street lighting.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com