Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5520 Datasheet HTML 16Page - Analog Devices AD5520 Datasheet HTML 17Page - Analog Devices AD5520 Datasheet HTML 18Page - Analog Devices AD5520 Datasheet HTML 19Page - Analog Devices AD5520 Datasheet HTML 20Page - Analog Devices AD5520 Datasheet HTML 21Page - Analog Devices AD5520 Datasheet HTML 22Page - Analog Devices AD5520 Datasheet HTML 23Page - Analog Devices AD5520 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD5520
Rev. B | Page 19 of 24
PCB LAYOUT AND POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion to the power supply and the ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5520 is mounted should be designed so that the
analog and digital sections are separated and confined to
certain areas of the board. If the PMU is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
This PMU should have ample supply bypassing of 10 μF in
parallel with 0.1 μF on the supply and should be located as close
as possible to the package, ideally right up against the device. The
0.1 μF capacitor should have low effective series resistance (ESR)
and effective series inductance (ESI), such as the common
ceramic types that provide a low impedance path to ground at
high frequencies, to handle transient currents due to internal
logic switching. Low ESR (1 μF to 10 μF) tantalum or electrolytic
capacitors should also be applied at the supplies to minimize
transient disturbance and filter out low frequency ripple.
Fast switching signals, such as clocks, should be shielded with
digital ground to avoid radiating noise to other parts of the
board and should never be run near the reference inputs.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique is by far the best but not always
possible with a double-sided board. In this technique, the
component side of the board is dedicated to the ground plane
while signal traces are placed on the solder side.
It is good practice to use compact, minimum lead length PCB
layout design. Leads to the input should be as short as possible
to minimize IR drops and stray inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com