Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5520 Datasheet HTML 17Page - Analog Devices AD5520 Datasheet HTML 18Page - Analog Devices AD5520 Datasheet HTML 19Page - Analog Devices AD5520 Datasheet HTML 20Page - Analog Devices AD5520 Datasheet HTML 21Page - Analog Devices AD5520 Datasheet HTML 22Page - Analog Devices AD5520 Datasheet HTML 23Page - Analog Devices AD5520 Datasheet HTML 24Page - Analog Devices AD5520 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD5520
Rev. B | Page 22 of 24
EVALUATION BOARD FOR THE AD5520
A full-featured evaluation kit is available for the AD5520. It
includes an evaluation board with direct hookup via a 36-way
Centronics connector to a PC. PC-based software to control the
AD5520 is also part of the evaluation kit. The evaluation board
schematic is shown in Figure 28.
Note that VDD and VSS must provide sufficient headroom for the
force and measure voltage range. In addition to the supply
voltages for the evaluation board, it is necessary to provide the
voltage levels for the clamp, comparator, and the force input
pins (CLL, CLH, CPL, CPH, and FIN). SMB connections are
provided for these voltage inputs. To use the evaluation board, it
is also necessary to provide a DUT connected via the gold pins.
Both AGND and DGND inputs are provided on the board. The
AGND and DGND planes are connected at one location close
to the AD5520. It is recommended not to connect AGND and
DGND elsewhere in the system to avoid ground loop problems.
REFGND is routed back to AGND at the power block to
maintain a clean ground reference for accurate measurements.
Each supply is decoupled to the relevant ground plane with
10 μF and 0.1 μF capacitors. The device supply pin is again
decoupled with a 10 μF and 0.1 μF capacitor pair to the relevant
ground plane.
Care should be taken when replacing devices to ensure that the
pins line up correctly with the PCB pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com