Electronic Components Datasheet Search
  English  ▼

X  

AD7821 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7821
Description  8-Bit ADC with Track/Hold Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices AD7821 Datasheet HTML 10Page - Analog Devices AD7821 Datasheet HTML 11Page - Analog Devices AD7821 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD7821
REV. B
–7–
CIRCUIT INFORMATION
BASIC DESCRIPTION
The AD7821 uses a half flash conversion technique (see Func-
tional Block Diagram), whereby two 4-bit flash ADCs are used to
achieve an 8-bit result. Each 4-bit flash ADC contains 15
comparators, which compare an unknown input voltage to the
reference ladder, to achieve a 4-bit result. The MS (most signifi-
cant) flash ADC converts an unknown analog input voltage (VIN)
to provide the 4 MS data bits. An internal DAC, driven by the 4 MS
data bits, then recreates an analog approximation of the input
voltage. The DAC output voltage is subtracted from the analog
input, and the difference is converted by the LS (least significant)
ADC to provide the 4 LS data bits. The MS flash ADC also has one
additional comparator to detect over-range on the analog input.
OPERATING SEQUENCE
The AD7821 has two operating modes. The RD mode allows a con-
version to be started and data to be read with a single, extended,
READ operation (i.e.,
CS and RD are taken low). The conversion
process is timed out by internal one-shots. The WR-RD mode uses
WR to start a conversion and RD to read the data and allows the
conversion timing to be externally controlled. The operating sequence
for the WR-RD mode is shown in Figure 3.
Figure 3. Operating Sequence (WR-RD Mode)
A conversion is initiated and the analog input signal (VIN) sampled
on the falling edge of
WR (falling edge of RD, RD mode). A setup
time (tP, delay time between conversions) of 350 ns is required
prior to this falling edge. See the Digital Interface section for more
details. When
WR is low, the internal MS (most significant) ADC
compares the sampled analog input with the reference ladder to
provide the 4 MS data bits. A minimum of 250 ns is required for
this comparison. On the rising edge of
WR, the MS data result is
latched internally and the LS (least significant) conversion begins,
to yield the 4 LS data bits.
INT goes low typically 380 ns after the
rising edge of
WR. This indicates the LS conversion is complete
and that both the LS and MS data results are latched into the
output buffer.
RD going low then enables the output data. If a
faster conversion time is required, the
RD line can be brought low
250 ns after
WR goes high. This latches both the LS and MS
data bits and outputs the conversion result on DB0–DB7.
REFERENCE AND INPUT
The VREF(–) and VREF(+) reference inputs on the AD7821 are
fully differential and define the zero and full-scale input range of
the ADC. The transfer characteristic of the part is defined by
the integer value of the following expression:
Data (LSBs )
= 256
V
IN − V REF ( − )
V
REF ( + ) − V REF ( − )


+ 0.5
As a result, the analog input (VIN) of the device can easily be set
up to provide both unipolar and bipolar operation. The data
output code for unipolar and bipolar operation is Natural Binary
and Offset Binary, respectively.
The span of the analog input voltage can easily be varied. By
reducing the reference span, VREF(+) – VREF(–), to less than 5 V,
the sensitivity of the converter can be increased (i.e., if VREF = 2 V
then 1 LSB = 7.8 mV). The reference flexibility also allows the
input span for unipolar operation to be offset from zero (VREF(–) >
GND). Additionally, the input/reference arrangement facilitates
ratiometric operation.
Figures 4 and 5 show some configurations that are possible. For
minimum noise, a 47
µF capacitor in parallel with a 0.1 µF ca-
pacitor should be connected between the reference inputs and
GND.
Figure 4. Power Supply as Reference;
Unipolar Operation (0 to + 5 V)
Figure 5. External Reference;
Bipolar Operation (–2.5 V to +2.5 V)
INPUT CURRENT
The analog input of the AD7821 behaves somewhat differently
than conventional ADCs. This is due to the ADC’s sampled
data comparators, which take varying amounts of input current
depending on the cycle of the converter.
The equivalent input circuit of the AD7821 is shown in Figure 6.
When a conversion ends (e.g., falling edge of
INT, WR-RD
mode, tRD > tINTL) all the input switches are closed and VIN is
connected to the comparators of the internal LS and MS ADCs.
Therefore, VIN is simultaneously connected to 31 input capacitors
of 1 pF each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com