Electronic Components Datasheet Search
  English  ▼

X  

AD7821 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7821
Description  8-Bit ADC with Track/Hold Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7821 Datasheet HTML 9Page - Analog Devices AD7821 Datasheet HTML 10Page - Analog Devices AD7821 Datasheet HTML 11Page - Analog Devices AD7821 Datasheet HTML 12Page - Analog Devices AD7821 Datasheet HTML 13Page - Analog Devices AD7821 Datasheet HTML 14Page - Analog Devices AD7821 Datasheet HTML 15Page - Analog Devices AD7821 Datasheet HTML 16Page - Analog Devices AD7821 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD7821
REV. B
–13–
Figure 21. 16-Channel Telecom ADC System
SIMULTANEOUS SAMPLING ADCS
The AD7821’s inherent track-and-hold and well defined sampling
instant makes it useful in such applications as sonar, where a num-
ber of input channels are required to be sampled simultaneously.
Figure 22 shows a circuit for such an application.
Figure 22. Simultaneous Sampling ADCs
The actual sampling instant at which VIN is measured occurs
approximately 50 ns after the falling edge of
WR or RD in the
WR-RD or RD modes, respectively, due to internal logic delays.
However, the internal logic delay and, therefore, the sampling
instant can vary from device to device, but is typically within
±5 ns.
This means that a maximum common input sine wave of
±2.5 V
at 32 kHz, applied to any number of AD7821s in the circuit of
Figure 22, will yield a maximum difference between the converter
outputs of typically
±1/4 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com