Electronic Components Datasheet Search
  English  ▼

X  

AD8284 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8284
Description  Radar Receive Path AFE: 4-Channel Mux
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8284 Datasheet HTML 9Page - Analog Devices AD8284 Datasheet HTML 10Page - Analog Devices AD8284 Datasheet HTML 11Page - Analog Devices AD8284 Datasheet HTML 12Page - Analog Devices AD8284 Datasheet HTML 13Page - Analog Devices AD8284 Datasheet HTML 14Page - Analog Devices AD8284 Datasheet HTML 15Page - Analog Devices AD8284 Datasheet HTML 16Page - Analog Devices AD8284 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD8284
Data Sheet
Rev. D | Page 12 of 28
THEORY OF OPERATION
RADAR RECEIVE PATH AFE
The primary application for the AD8284 is high speed ramp,
frequency modulated, continuous wave (HSR-FMCW) radar
requiring baseband signal bandwidths of up to 15 MHz. Figure 14
shows a simplified block diagram of an HSR-FMCW radar system.
The signal chain requires multiple channels, each of which is
routed into a low noise amplifier (LNA), a programmable gain
amplifier (PGA), an antialiasing filter (AAF), and an analog-to-
digital converter (ADC). The AD8284 provides all of these key
components in a single 10 mm × 10 mm TQFP package.
The performance of each component is designed to meet the
demands of an HSR-FMCW radar system. Some examples of
these performance metrics include the LNA noise, PGA gain
range, AAF cutoff characteristics, and ADC sample rate and
resolution.
The AD8284 includes a multiplexer (mux) in front of the analog
signal chain as a cost-saving alternative to having an AFE for
each channel. The mux can be switched between active inputs
using the mux pins or through the SPI port.
The AD8284 also includes a saturation detection circuit that
indicates when the LNA or PGA signals are no longer in the
linear region. This feature helps detect fault conditions that
might otherwise be filtered out by the AAF.
Figure 14. Simplified Block Diagram, HSR-FMCW Radar System
PA
DSP
ANTENNA
VCO
AAF
LNA
AD8284
MUX
REF.
OSCILLATOR
CHIRP RAMP
GENERATOR
12-BIT
ADC
SATURATION
DETECTION
PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com