Electronic Components Datasheet Search
  English  ▼

X  

AD8284 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8284
Description  Radar Receive Path AFE: 4-Channel Mux
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8284 Datasheet HTML 15Page - Analog Devices AD8284 Datasheet HTML 16Page - Analog Devices AD8284 Datasheet HTML 17Page - Analog Devices AD8284 Datasheet HTML 18Page - Analog Devices AD8284 Datasheet HTML 19Page - Analog Devices AD8284 Datasheet HTML 20Page - Analog Devices AD8284 Datasheet HTML 21Page - Analog Devices AD8284 Datasheet HTML 22Page - Analog Devices AD8284 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD8284
Data Sheet
Rev. D | Page 18 of 28
SERIAL PORT INTERFACE (SPI)
The AD8284 serial port interface allows the user to configure
the signal chain for specific functions or operations through a
structured register space provided inside the chip. The SPI
offers the user added flexibility and customization depending
on the application. Addresses are accessed via the serial port
and can be written to or read from via the port. Memory is
organized into bytes that can be further divided into fields, as
documented in the Memory Map section. Detailed operational
information can be found in the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Four pins define the serial port interface, or SPI: the SCLK, SDI,
SDO, and CS pins. The serial clock pin (SCLK) synchronizes the
read and write data presented to the device. The serial data
input and output pins, SDI and SDO, allow data to be sent to
and read from the internal memory map registers of the device.
The chip select pin (CS) is an active low control that enables or
disables the read and write cycles (see Table 8).
Table 8. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input. SCLK is used to
synchronize serial interface reads and writes.
SDI
Serial data input.
SDO
Serial data output.
CS
Chip select (active low). This control gates the read and
write cycles.
The falling edge of CS, in conjunction with the rising edge of
SCLK, determines the start of the framing sequence. During an
instruction phase, a 16-bit instruction is transmitted, followed by
one or more data bytes, which is determined by Bit Field W0 and
Bit Field W1. See Figure 22 and Table 9 for an example of the
serial timing and its definitions.
In normal operation, CS signals to the device that SPI commands
are about to be received and processed. When CS is brought low,
the device processes SCLK and SDI to process instructions.
Normally, CS remains low until the communication cycle is
complete. However, if the AD8284 is connected to a slow
device, CS can be brought high between bytes, allowing older
microcontrollers enough time to transfer data into the shift
registers. CS can be stalled when transferring one, two, or three
bytes of data.
When W0 and W1 are set to 11, the device enters streaming mode
and continues to process data, either reading or writing,
until CS is taken high to end the communication cycle. This
allows complete memory transfers without the need to provide
additional instructions. Regardless of the mode, if CS is taken
high in the middle of any byte transfer, the SPI state machine is
reset and the device waits for a new instruction.
In addition to the operation modes, the SPI port can be
configured to operate in different manners. For applications
that do not require a control port, the CS line can be tied and
held high. This places the remainder of the SPI pins in their
secondary mode as defined in the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI. CS can also be tied low
to enable 3-wire mode. When CS is tied low, SCLK, SDO, and
SDI are the only pins required for communication. Although
the device is synchronized during power-up, caution must be
exercised when using this mode to ensure that the serial port
remains synchronized with the CS line. When operating in
3-wire mode, it is recommended that a 1-, 2-, or 3-byte transfer
be used exclusively. Without an active CS line, streaming mode
can be entered but not exited.
Data can be sent in MSB-first or LSB-first mode. MSB-first
mode is the default at power-up and can be changed by adjusting
the configuration register. For more information about this and
other features, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 8 constitute the physical interface
between the user’s programming device and the serial port of
the AD8284. The SCLK, SDI, and CS pins function as inputs
when using the SPI interface. The SDO pin is an output during
readback.
This interface is flexible enough to be controlled by either serial-
programmable read-only memory (PROM) or PIC micro-
controllers. This provides the user with alternative means, other
than a full SPI controller, for programming the device (see the
AN-812 Application Note).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com