Electronic Components Datasheet Search
  English  ▼

X  

AD53509JSW Datasheet(PDF) 6 Page - Analog Devices

Part # AD53509JSW
Description  High Performance Driver/Comparator Active Load on a Single Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509JSW Datasheet(HTML) 6 Page - Analog Devices

Back Button AD53509JSW Datasheet HTML 2Page - Analog Devices AD53509JSW Datasheet HTML 3Page - Analog Devices AD53509JSW Datasheet HTML 4Page - Analog Devices AD53509JSW Datasheet HTML 5Page - Analog Devices AD53509JSW Datasheet HTML 6Page - Analog Devices AD53509JSW Datasheet HTML 7Page - Analog Devices AD53509JSW Datasheet HTML 8Page - Analog Devices AD53509JSW Datasheet HTML 9Page - Analog Devices AD53509JSW Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD53509
Rev. B | Page 6 of 12
ACTIVE LOAD SPECIFICATIONS
All specifications are at TJ = 85°C ± 5°C, VCC = 11 V ± 3%, VEE = −6 V = ±3%, unless otherwise noted. All temperature coefficients are
measured at TJ = 75°C to 95°C.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions
INPUT CHARACTERISTICS
INHL, INHL
Input Voltage
−2
+3
V
IOHC = 1 V, IOLC = 1 V, VCOM = 2 V, OUT_L = 0 V
Bias Current
−250
+250
μA
INHL, INHL = −2 V, +3 V
IOHC Current Program Range
IOH = 0 mA to −40 mA
0
4
V
OUT_L = −0.7 V, +7 V
IOLC Current Program Range
IOL = 0 mA to 40 mA
0
4
V
OUT_L = −2 V, +5.7 V
IOHC, IOLC Input Bias Current
−300
+300
μA
IOLC = 0 V, 4.0 V and IOHC = 0 V, 4.0 V
IOLRTN, IOHRTN Range
−2
+7
V
IOL = 40 mA, IOH = −40 mA, OUT_L = −2 V, +7 V
VDUT Range
−2
+7
V
IOL = 40 mA, IOH = −40 mA, OUT_L − VCOMI >1.3 V
VDUT Range, IOH = 0 mA to −40 mA
−0.7
+7
V
OUT_L − VCOM > 1.3 V
VDUT Range, IOL = 0 mA to 40 mA
−2
+5.7
V
VCOM − VDUT > 1.3 V
VCOMI Input Range
−2
+7
V
IOL = 40 mA, IOH = −40 mA
OUTPUT CHARACTERISTICS
Accuracy
Absolute Accuracy Error, Load Current
−0.3 − 100
+0.3 + 100
% ISET + μA
IOL, IOH = 25 μA to 40 mA, VCOM = 0 V,
OUT_L = ±2 V and IOL = 25 μA to 40 mA,
VCOM = 7 V, OUT_L = 5.7 V and IOH = 25 μA to
40 mA, VCOM = −2 V, OUT_L = −0.7 V
VCOM Buffer
Offset Error
−50
+50
mV
IOL, IOH = 40 mA, VCOMI = 0 V, OUT_L = VCOM
Bias Current
−10
+1
+10
μA
VCOMI = 0 V, OUT_L = VCOM
Gain Error
−0.2
+0.2
%
IOL, IOH = 40 mA, VCOMI = −1 V to +6 V,
VOUT = VCOM
Linearity Error
−10
+10
mV
IOL, IOH = 40 mA, VCOMI = −1 V to +6 V,
VOUT = VCOM
Output Current Temperature Coefficient
<±2
μA/°C
Measured at IOH, IOL = 200 μA
DYNAMIC PERFORMANCE
Propagation Delay
±IOUT to Inhibit
1.9
ns
VCOM = ±2 V, IOL = 20 mA, IOH = −20 mA
Inhibit to ±IOUT
2.8
ns
VCOM = ±2 V, IOL = 20 mA, IOH = 20 mA
Propagation Delay Matching
<1.8
ns
Input/Output Spike
240
mV
VCOM = 0 V, IOL = 20 mA, IOH = −20 mA
Settling Time to 15 mV
<50
ns
IOL = 20 mA, IOH = −20 mA, 50 Ω load to ±15 mV
Settling Time to 4 mV
<10
μs
IOL = 20 mA, IOH = −20 mA, 50 Ω load to ±4 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com