Electronic Components Datasheet Search
  English  ▼

X  

AD53509JSW Datasheet(PDF) 8 Page - Analog Devices

Part # AD53509JSW
Description  High Performance Driver/Comparator Active Load on a Single Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509JSW Datasheet(HTML) 8 Page - Analog Devices

Back Button AD53509JSW Datasheet HTML 4Page - Analog Devices AD53509JSW Datasheet HTML 5Page - Analog Devices AD53509JSW Datasheet HTML 6Page - Analog Devices AD53509JSW Datasheet HTML 7Page - Analog Devices AD53509JSW Datasheet HTML 8Page - Analog Devices AD53509JSW Datasheet HTML 9Page - Analog Devices AD53509JSW Datasheet HTML 10Page - Analog Devices AD53509JSW Datasheet HTML 11Page - Analog Devices AD53509JSW Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD53509
Rev. B | Page 8 of 12
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Power Supply Voltage
V to GND
13 V
CC
V to GND
−8 V
EE
V to V
20 V
CC
EE
VCCO to GND
10 V
PWRGND, HQGND, HQGND2
±0.4 V
Inputs
Table 9. Package Thermal Resistance
DATA, DATA, IOD, IOD, RLD, RLD
−2 V to +5 V
Airflow (m/s)
θJA (°C/W)
DATA to DATA, IOD to IOD, RLD to RLD
±3 V
0
42.7
LEL, LEL, LEH, LEH
−2 V to +5 V
1
37.8
LEL to LEL, LEH to LEH
±3 V
2
36.4
INHL, INHL
−2 V to +5 V
For liquid-cooled applications, θ = 3.0°C/W.
JC
INHL to INHL
±3 V
VH, VL, V , VCOMI to GND
−3 V to +8 V
T
VH to V
±10 V
ESD CAUTION
L
(V − V
H
T
) and (VT − VL)
±10 V
IOHC
±6 V
IOLC
±6 V
HCOMP
−3 V to +8 V
LCOMP
−3 V to +8 V
HCOMP, LCOMP to VOUT
±10 V
Outputs
VOUT Short-Circuit Duration
Indefinite1
VOUT Inhibit Mode
−3 V to +8 V
VHDCPL
Do not connect except
for capacitor to VCC
VLDCPL
Do not connect except
for capacitor to VEE
QH, QH, QL, QL Maximum IOUT
Continuous
50 mA
Surge
100 mA
THERM
0 V to 13 V
IOHRTN, IOLRTN
−3.5 V to +8.5 V
VCOMS Short-Circuit Duration
3 sec1
Environmental
Operating Temperature (Junction)
175°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
260°C
2
1 Output short-circuit protection is guaranteed as long as proper heat sinking
is employed to ensure compliance with the operating temperature limits.
2 To ensure lead coplanarity (±0.002 inches) and solderability, handling with
bare hands should be avoided and the device should be stored in
environments at 24°C ± 5°C (75°F ± 10°F) with relative humidity not to
exceed 65%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com