Electronic Components Datasheet Search
  English  ▼

X  

ADATE209 Datasheet(PDF) 14 Page - Analog Devices

Part # ADATE209
Description  4.0 Gbps Dual Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADATE209 Datasheet HTML 9Page - Analog Devices ADATE209 Datasheet HTML 10Page - Analog Devices ADATE209 Datasheet HTML 11Page - Analog Devices ADATE209 Datasheet HTML 12Page - Analog Devices ADATE209 Datasheet HTML 13Page - Analog Devices ADATE209 Datasheet HTML 14Page - Analog Devices ADATE209 Datasheet HTML 15Page - Analog Devices ADATE209 Datasheet HTML 16Page - Analog Devices ADATE209 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADATE209
Rev. A | Page 13 of 16
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
VTx (V)
–2
–1
0
1
2
3
4
50°C
70°C
90°C
Figure 21. Driver Linearity (VTx), VHx = 2.0 V, VLx = 0.0 V
40
100
TEMPERATURE (°C)
50
60
80
70
90
1.010
1.015
1.020
1.025
1.030
1.035
1.040
GAIN VHx CH1
GAIN VHx CH2
Figure 22. Gain of VHx
40
100
TEMPERATURE (°C)
–25
–20
–15
–10
–5
0
5
10
50
60
80
70
90
CH2 OFFSET
CH1 OFFSET
Figure 23. Driver Offset vs. Temperature
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
0
2040
6080
100
120
TEMPERATURE (°C)
Figure 24. Temperature Sensor Output Voltage vs. Temperature
200ps/DIV
Figure 25. VHx = 1.8 V, VLx = 0.0 V, PRBS31, 1.6 Gbps, CLC Disabled
200ps/DIV
Figure 26. VHx = 1.8 V, VLx = 0.0 V, PRBS31, 2.1 Gbps, CLC Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com