Electronic Components Datasheet Search
  English  ▼

X  

ADATE209 Datasheet(PDF) 16 Page - Analog Devices

Part # ADATE209
Description  4.0 Gbps Dual Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADATE209 Datasheet HTML 9Page - Analog Devices ADATE209 Datasheet HTML 10Page - Analog Devices ADATE209 Datasheet HTML 11Page - Analog Devices ADATE209 Datasheet HTML 12Page - Analog Devices ADATE209 Datasheet HTML 13Page - Analog Devices ADATE209 Datasheet HTML 14Page - Analog Devices ADATE209 Datasheet HTML 15Page - Analog Devices ADATE209 Datasheet HTML 16Page - Analog Devices ADATE209 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADATE209
Rev. A | Page 15 of 16
APPLICATIONS INFORMATION
DATA INPUTS
The ADATE209 contains three high speed differential inputs
for each channel. Two of the inputs, combined in an on-chip
exclusive-OR gate, control the VHx/VLx transitions. The
exclusive-OR gate can be used as a data mux or for data inversion.
The third input is used to control the transitions to the VTx level.
Table 6. Logic Truth Table
DAx
DBx
TERMx
DROUTx
Low
Low
Low
VL
High
Low
Low
VH
Low
High
Low
VH
High
High
Low
VL
X1
X1
High
VT
1 X = don’t care.
The ADATE209 driver does not have a high impedance mode.
The high speed inputs are designed to be compatible with most
types of differential inputs. Each side of the differential inputs is
terminated through 50 Ω to a common point. For connection to
PECL inputs, connect the DAxT/DBxT/TERMxT input
termination to VCC − 2.0 V (VCC of the input signal, not of the
ADATE209) or to an appropriate resistor to ground. For connec-
tion to LVDS, do not connect DAxT/DBxT/TERMxT. For
connection to CML signals, either leave DAxT/DBxT/TERMxT
open or connect DAxT/DBxT/TERMxT to the appropriate
VCC/VDD level.
DAxT, DBxT,
TERMxT
50Ω
50Ω
DAx, DBx,
TERMx
DAxB, DBxB,
TERMxB
Figure 31. Input Termination Schematic Diagram
THERMAL DIODE STRING
Figure 32 shows a simplified schematic of the thermal diode
string. To use the diode string, connect VCCTHERM to 7.0 V
and measure the voltage at THERM. The nominal gain of the
thermal diode string is −4.7 mV/°C.
40Ω
VCCTHERM
THERM
GND
ADATE209
Figure 32. Thermal Diode String Schematic
CABLE LOSS COMPENSATION/PEAKING
CIRCUITRY
The ADATE209 has two different CLC/peaking modes: nominal
and boost. In nominal mode, a small amount of high frequency
energy is injected in the driver output signal to compensate for
high frequency losses in the test interface. In boost mode, a
much larger percentage of high frequency energy is injected in
the driver output signal. The two modes are controlled through
the CLCxEN signal.
Table 7.
CLCxEN
CLC/Peaking Mode
Logic low
Nominal
Logic high
Boost
For applications using very short path lengths, very high fidelity
cables and connectors, and/or lower data rates, nominal mode
should be used. For applications using lower fidelity cables and
connectors (and often lower cost) and/or at higher data rates,
use boost mode.
DEFAULT TEST CONDITIONS
Table 8 lists the default test conditions.
Table 8.
Name
Default Test Condition
DB1/DB1B
Logic high
DB2/DB2B
Logic high
DA1T/DA2T/DB1T/DB2T
1.3 V
VHx
2.0 V
VLx
0.0 V
VTx
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com