Electronic Components Datasheet Search
  English  ▼

X  

PE6197 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6197
Description  High Power 100 Watt RF Load Up to 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6197 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6197 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6197 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6197 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Configuration
Connector
7/16 DIN Male
Hex Size
32 mm
Material Specifications
Description
Material
Plating
Connector 1 Contact
Brass
Silver
Insulation
PTFE
Body
Brass
Tri-Metal
Coupling Nut
Brass
Tri-Metal
Housing
Black Anodized Aluminum Heatsink
.
Environmental Specifications
Temperature
Operating Range
-45 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
High Power 100 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum
Heatsink from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 100 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input Conduction Cooled Body
Black Anodized Aluminum Heatsink PE6197
URL: http://www.pasternack.com/100-watts-7-16-male-rf-load-up-to-3-ghz-pe6197-p.aspx
PE6197
PE6197 REV 1.2
RF Terminations Technical Data Sheet
High Power 100 Watt RF Load Up to 3 GHz With
7/16 DIN Male Input Conduction Cooled Body Black
Anodized Aluminum Heatsink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com