Electronic Components Datasheet Search
  English  ▼

X  

PE6197 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6197
Description  High Power 100 Watt RF Load Up to 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6197 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6197 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6197 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6197 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• High Power RF Load
• DC to 3 GHz Frequency Range
• VSWR 1.2:1 Max
• Max Power 100 Watt (CW)
• 7/16 DIN Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6197 is a high power RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and
handles up to 100 Watt (CW). Our 7/16 DIN termination / load has a male gender. PE6197 7/16 DIN load termination offers
1.2:1 max VSWR. This Pasternack high power 100W 7/16 DIN terminator has a heatsink body which is designed to provide
adequate heat dissipation within its full frequency of operation.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.2:1
Input Power (CW)
100
Watts
derated linearly to 20W at +125°C
.
Mechanical Specifications
Size
Length
6.3 in [160.02 mm]
Width
4.72 in [119.89 mm]
Height
3.54 in [89.92 mm]
.
Weight
3.36 lbs [1.52 Kg]
.
PE6197
PE6197 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 100 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input Conduction Cooled
Body Black Anodized Aluminum Heatsink PE6197
RF Terminations Technical Data Sheet
High Power 100 Watt RF Load Up to 3 GHz With
7/16 DIN Male Input Conduction Cooled Body Black
Anodized Aluminum Heatsink


Similar Part No. - PE6197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6197 PASTERNACK-PE6197 Datasheet
200Kb / 3P
High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink
More results

Similar Description - PE6197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6222 PASTERNACK-PE6222 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6226 PASTERNACK-PE6226 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6TR1002 PASTERNACK-PE6TR1002 Datasheet
345Kb / 3P
High Power 100 Watt RF Load Up To 6 GHz With SMA Female Input
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168_14 Datasheet
217Kb / 3P
High Power 100 Watts RF Load Up To 4 GHz
PE6172 PASTERNACK-PE6172 Datasheet
424Kb / 4P
2 Watt RF Load Up to 6 GHz
PE6176 PASTERNACK-PE6176_16 Datasheet
446Kb / 4P
2 Watt RF Load Up to 40 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com