Electronic Components Datasheet Search
  English  ▼

X  

PE6200 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6200
Description  75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6200 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6200 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6200 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6200 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz PE6200
URL: https://www.pasternack.com/75-watts-wr-28-rf-load-26.5-40-ghz-pe6200-p.aspx
PE6200 REV 1.1
PE6200
75 Watts High Power WR-28 Waveguide
Load 26.5 GHz to 40 GHz
Waveguide Terminations Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com