Electronic Components Datasheet Search
  English  ▼

X  

PE6200 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6200
Description  75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6200 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6200 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6200 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6200 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-28
• 26.5 to 40 GHz
• 1.20:1 Maximum VSWR
• 75 Watts Average Power Handling (CW)
Applications
• Instrumentation
• Precision Measurements
• Prototyping and Characterization
• Production Systems
.
Description
Pasternack’s PE6200 is part of our line of waveguide terminations (or waveguide loads) which are in stock and available to
ship same-day. Waveguide loads are designed to absorb virtually all applied power, ensuring a low VSWR. Our PE6200 offers
excellent VSWR of 1.20:1 maximum. This WR-28 waveguide termination uses a square cover flange and offers CW power
handling of up to 75 Watts.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
VSWR
1.1:1
1.2:1
Input Power (CW)
75
Watts
Input Power (Peak)
50
KWatts
.
Mechanical Specifications
Size
Length
4 in [101.6 mm]
Width/Dia.
1.5 in [38.1 mm]
Height
0.9 in [22.86 mm]
.
Weight
0.735 lbs [333.39 g]
.
Description
Flange
Waveguide
Designation
None
WR-28
Type
Square Cover
Material
Aluminum
Aluminum
...
Environmental Specifications
.
PE6200 REV 1.1
PE6200
75 Watts High Power WR-28 Waveguide
Load 26.5 GHz to 40 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz PE6200


Similar Part No. - PE6200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
More results

Similar Description - PE6200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6818 PASTERNACK-PE6818 Datasheet
208Kb / 2P
40 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6800 PASTERNACK-PE6800_16 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6809 PASTERNACK-PE6809_16 Datasheet
646Kb / 3P
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6818 PASTERNACK-PE6818_16 Datasheet
765Kb / 3P
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE-W28TR1001 PASTERNACK-PE-W28TR1001 Datasheet
397Kb / 3P
5 Watts Instrumentation Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com