Electronic Components Datasheet Search
  English  ▼

X  

LD505 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LD505
Description  High Gain Class A Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LD505 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LD505 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
500 - 15 - 09
46
44
42
40
VCR (dB)
10
100
1k
10k
g
m
(mV)
6
4
2
0
10
100
1k
10k
R
E
(
Ω)
R
E
(
Ω)
Fig. 11 Transductance vs Emitter Resistor
Fig. 10 Volume Control Range vs Emitter Resistor
REVISION NOTES:
Chip information removed.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright March 1976 Gennum Corporation.
All rights reserved. Printed in Canada.
All resistors in ohms, all capacitors in microfarads unless otherwise stated
Fig. 12 LC505 Typical Hearing Aid Application
All resistors in ohms, all capacitors in microfarads unless otherwise stated
Fig. 13 LD505 Typical Hearing Aid Application
33
V
cc
2.2 k
0.33
1 k
V
B
10
10
1
2
=1.35
+
+
100 k
3
4
5
6
LC505
V
cc
0.333
1k
V
B
10
2
3
=1.35
+
100k
8
5
6
7
33
10
+
4
10
+
10k
MAXIMUM
OUTPUT
CONTROL
1
LD505
DOCUMENT
IDENTIFICATION
PRODUCT PROPOSAL
This data has been compiled for market investigation purposes
only, and does not constitute an offer for sale.
ADVANCE INFORMATION NOTE
This product is in development phase and specifications are
subject to change without notice. Gennum reserves the right to
remove the product at any time. Listing the product does not
constitute an offer for sale.
PRELIMINARY DATA SHEET
The product is in a preproduction phase and specifications are
subject to change without notice.
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com