Electronic Components Datasheet Search
  English  ▼

X  

LD505 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LD505
Description  High Gain Class A Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LD505 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LD505 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
500 - 15 - 09
NOT
RECOMMENDED
FOR
NEW
DESIGNS
LIMITER
100
-
+
1
5
4
8
33k
200
RE
2.2k
6
3
2
7
GND
VC
OUT
IN
VB
MICBIAS
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302, M i yamae Vi l l age, 2–10–42 M i yamae, Sugi nami–ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
High Gain Class A Amplifier
DESCRIPTION
The LC/LD505 are low voltage, linear monolithic integrated
amplifiers with a typical electrical gain of 71 dB. The circuits
are comprised of a compensated, unconditionally stable,
operational amplifier and a low distortion Class A single
transistor output stage with negative feedback for stability
over a wide temperature range.
Current trimming in the output stage for inductive or resistive
loads can be accomplished by connecting an emitter resistor
from RE to ground. The LC/LD505 can operate over a supply
voltage range of 1.0 to 1.6 DC.
The LD505 which is an eight pin device, has an internal 2.2 k
Ω
decoupling resistor for microphone bias providing increased
supply line rejection. The base of the output transistor is also
accessible allowing connection of diodes in a feedback
configuration for peak limiting.
Document No. 500 - 15 - 09
LC505/LD505 DATA SHEET
GENNUM
C
O
R
P
O
R
A
T
I
O
N
STANDARD PACKAGING
• MINIpac P6 (LC505)
• MINIpac P8 (LD505)
FEATURES
• 71 dB of gain with 1.3 V supply
• 0.2 to 2.0 mA of transducer current adjustment
• 43 dB of volume control range
• 1.0 to 1.6 V supply operating range
• 2.2 k
Ω internal decoupling resistor for microphone
bias (LD505 only)
• output limiting capabilities (LD505 only)
RE
100
-
+
4
3
33k
200
VB
5
2
1
6
IN
GND
VC
OUT
Revision Date: January 1996
All resistors in ohms, all capacitors in
microfarads unless otherwise stated
All resistors in ohms, all capacitors in
microfarads unless otherwise stated
LD505 BLOCK DIAGRAM
LC505 BLOCK DIAGRAM


Similar Part No. - LD505

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LD50 BANNER-LD50 Datasheet
756Kb / 9P
Laser Contrast Sensor
logo
LightGraphix
LD50 LIGHTGRAPHIX-LD50 Datasheet
1Mb / 5P
LED PATH LIGHT
24 March 2026
logo
Won-Top Electronics
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5001 WTE-LD5001 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5002 WTE-LD5002 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
More results

Similar Description - LD505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP508 ETC-LP508 Datasheet
80Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
LS509 ETC-LS509 Datasheet
94Kb / 5P
Class A Amplifier with 3 Gain Blocks & Schottky Diodes
logo
Hitachi Semiconductor
2SC2298 HITACHI-2SC2298 Datasheet
348Kb / 2P
HIGH GAIN AMPLIFIER
logo
List of Unclassifed Man...
GK509 ETC1-GK509 Datasheet
85Kb / 5P
Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
GP509 ETC1-GP509 Datasheet
138Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
Class A Amplifier with 3 Independent Gain Blocks
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
LD511 GENNUM-LD511 Datasheet
94Kb / 4P
Class A Compression Amplifier
logo
Zilog, Inc.
ZGFI7101 ZILOG-ZGFI7101 Datasheet
671Kb / 14P
High Gain Differential Amplifier
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
High-gain Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com