Electronic Components Datasheet Search
  English  ▼

X  

ADS-112/883 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADS-112/883
Description  12-Bit, 1MHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-112/883 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADS-112/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
®
®
ADS-112
5
Table 4. Output Coding
UNIPOLAR
INPUT RANGE
OUTPUT CODING
INPUT RANGE
BIPOLAR
SCALE
0 to +10V
MSB LSB
MSB
LSB
±5V
SCALE
+FS – 1 LSB
+9.9976
1111 1111 1111
0000 0000 0000
+4.9976
+FS –1 LSB
+7/8 FS
+8.7500
1110 0000 0000
0001 1111
1111
+3.7500
+3/4FS
+3/4 FS
+7.5000
1100 0000 0000
0011 1111
1111
+2.5000
+1/2FS
+1/2 FS
+5.0000
1000 0000 0000
0111
1111
1111
0.0000
0
+1/4 FS
+2.5000
0100 0000 0000
1011 1111
1111
–2.5000
–1/2FS
+1/8 FS
+1.2500
0010 0000 0000
1101 1111
1111
–3.7500
–3/4FS
+1 LSB
+0.0024
0000 0000 0001
1111
1111
1110
–4.9976
–FS+1LSB
0
0.0000
0000 0000 0000
1111
1111
1111
–5.0000
–FS
STRAIGHT BIN.
COMP. BINARY
OFF. BINARY
COMP. OFF. BIN.
Figure 5. FFT Analysis of ADS-112
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
50
100
150
200
250
300
350
400
450
500
Frequency (kHz)
(fs = 1MHz, fin = 485kHz, Vin = –0.5dB, 4,096-point FFT)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com