Electronic Components Datasheet Search
  English  ▼

X  

ADS-112/883 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADS-112/883
Description  12-Bit, 1MHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-112/883 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS-112/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
®
Figure 1. ADS-112 Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
ADS-112
12-Bit, 1MHz, Low-Power
Sampling A/D Converters
FEATURES
• 12-bit resolution
• No missing codes
• 1MHz minimum sampling rate
• Functionally complete
• Small 24-pin DDIP
• Low-power, 1.3 Watts
• Three-state output buffers
• Samples to Nyquist frequencies
GENERAL DESCRIPTION
DATEL’s ADS-112 is a 12-bit, functionally complete, sampling
A/D converter that is packaged in a space-saving 24-pin DDIP.
Requiring ±15V and +5V supplies, a minimum sampling rate of
1MHz is achieved while only dissipating 1.3 Watts. The
ADS-112 digitizes signals up to Nyquist frequencies. Models
are available for use in either commercial (0 to + 70°C) or
military (–55 to +125°C) operating temperature ranges.
Typical applications include spectrum, transient, vibration and
waveform analysis. This device is also ideally suited for radar,
sonar, video digitization, medical instrumentation and high-
speed data acquisition systems.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 12 (LSB)
24
–15V SUPPLY
2
BIT 11
23
ANALOG GROUND
3
BIT 10
22
+15V SUPPLY
4
BIT 9
21
+10V REFERENCE
5
BIT 8
20
BIPOLAR
6
BIT 7
19
ANALOG INPUT
7
BIT 6
18
COMP BIN
8
BIT 5
17
ENABLE (1-12)
9
BIT 4
16
START CONVERT
10
BIT 3
15
EOC
11
BIT 2
14
DIGITAL GROUND
12
BIT 1 (MSB)
13
+5V SUPPLY
REF
12 BIT 1 (MSB)
11 BIT 2
10 BIT 3
9
BIT 4
8
BIT 5
7
BIT 6
6
BIT 7
5
BIT 8
4
BIT 9
3
BIT 10
2
BIT 11
1
BIT 12 (LSB)
TIMING AND
CONTROL LOGIC
BIPOLAR 20
+10V REF. 21
START CONVERT 16
EOC 15
DAC
FLASH
ADC
COMP BIN 18
BUFFER
–
+
S/H
ANALOG INPUT 19
17 ENABLE (1-12)
S2
S1
13
+5V SUPPLY
22
+15V SUPPLY
23
ANALOG GROUND
14
DIGITAL GROUND
24
–15V SUPPLY


Similar Part No. - ADS-112/883

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-112/883 MURATA-PS-ADS-112/883 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-112/883 DATEL-ADS-112/883 Datasheet
106Kb / 1P
Sampling A/D Converters
More results

Similar Description - ADS-112/883

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
16-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
16-Bit, 1MHz Sampling A/D Converters
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com