Electronic Components Datasheet Search
  English  ▼

X  

DM9095 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9095
Description  Twisted-Pair Medium Attachment Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9095 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9095 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DM9095
Twisted-Pair Medium Attachment Unit
Final
2
Version: DM9095-DS-F02
August 21, 2000
Features
• Compatible with or exceeds IEEE 802.3
standards for AUI and 10BASE-T interfaces
• Internal pre-distortion generator for TP driver
• Smart squelch circuitry on all received data
• Selectable heartbeat function
• Selectable line-integrity test with LED indication
• LED indicator for transmit, receive, jabber, and
collision
• Advanced analog CMOS process using single 5V
supply
• Lower TP threshold option for long length
application
• Selectable auto-polarity detection and correction
function with LED indication
• Automatic AUI/RJ45 selection
• Power-down mode
• Full ESD protection
Pin Configuration : DM9095L
DM9095L
LI-
DI+
DI-
CI+
CI-
VDD
AP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
MD1
MD2
GND
TPO-
DTPO-
DTPO+
TPO+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com