Electronic Components Datasheet Search
  English  ▼

X  

DM9095 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9095
Description  Twisted-Pair Medium Attachment Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9095 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9095 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9095 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DM9095
Twisted-Pair Medium Attachment Unit
11
Final
Version: DM9095-DS-F02
August 21, 2000
Crystal Oscillator
An external TTL-Level clock can be applied to the
OSC1 pin which is crystal oscillator input.
A resistor
should be added in series with the clock source to limit
the amplitude of the voltage swing seen by the pin.
A 500
resistor works well in most cases.
LED Status Functions
The LED drivers require an external resistor in series
with the LED, which is in turn connected to VDD.
The driver pulls the pin low to light the LED and can
sink up to 15mA of drive current from the resistor with
an output impedance of less than 50
.
The
DM9095 provides three types LED drivers, as follows.
Output LED Drivers: The LED outputs XLED, RLED,
JLED, and CLED are output LED drivers.
These
signals are used for status information only.
XLED
drives high when the DM9095 is transmitting a packet.
XLED is not asserted if the DM9095 has detected a
jabber function or is in a link-fail state. RLED drives
high when the DM9095 is receiving a packet.
RLED
is not asserted when the DM9095 is in a link-fail state.
JLED drives low when the DM9095 has detected a
jabber condition.
CLED drives low when the
DM9095
has
detected
a
collision
condition.
Sampled LED Driver: The AP pin is used to set the
configuration of the DM9095 and drive the LED status
indicators.
Every 26ms, the pin is configured as an
input pin for 6.5• s.
During this time, it is sampled by
the DM9095.
Outside the sampling window, the
driver is placed in an output state and used to drive
the LED indicators.
AP is driven low to indicate that
a reversed twisted pair has been detected on the
receive circuit and corrected.
If AP is tied low,
DM9095 disables the auto-polarity function; when AP
is pulled high externally, the function is enabled.
Input / Output LED Driver: LI-pin is an input/output
pin, depending on the mode selection.
When
configured as an input pin, LI-controls the link integrity
test option.
If LI- is connected to GND, the link
integrity function is enabled.
If LI- is connected to
VDD or left floating (internal pull-high), the link
integrity function is disabled.
When configured as an
output pin, the pin drives low for link-fail state and
drives high for link-pass state.
The output pin can
drive an LED status indicator.
Power
There are six power connections to the DM9095,
including three VDD and three GND connections.
Pins 1 and 28 are used for analog supplies, including
squelch circuits, receiver, and the internal delay
circuit.
Pins 10 and 14 are used for digital circuits,
the I/O buffer, the control logic for analog circuits, and
the crystal oscillator circuit.
Pins 18 and 23 are used
for the Twisted Pair driver output buffer.
Operating Modes
The mode selection pins are used to select one of
eight
operating
modes.
These
modes
are
summarized in the table below.
The modes referred to in the table are the following:
z Heartbeat: A Yest means that the heartbeat
function is enabled; A No means the
heartbeat function is disabled.
z Line Length: “Extended” indicates that TP receive
squelch
thresholds
have
been
lowered to 300mV for use with longer
line lengths; Normal indicates that the
standard
10BASE-T
TP
receive
squelch threshold of 450mV will be
used.
z LI-: The LI- pin can be configured to be an input
pin, whereby the link-integrity function can be
enabled or disabled.
The LI- pin can also be
configured as an output pin to indicate the
status of the link, where the link-integrity is
enabled.
Mode Description
Mode
MD0
MD1
MD2
Heartbeat
Line Length
LI-
Application
0000
No
Extended
I
Long wire TP
1001
No
Normal
I
Normal wire TP
2010
No
Normal
O
LI pin LED output
3011
Poer-down mode
4100
Yes
Extended
I
Long wire TP
5101
Yes
Normal
I
Normal wire TP
6110
Yes
Normal
O
LI pin LED output
7111
Power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com