Electronic Components Datasheet Search
  English  ▼

X  

ECG006B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ECG006B
Description  InGaP HBT Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG006B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ECG006B Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 7Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004 Rev 1
ECG006
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Recommended Application Circuit
ECG006B-PCB
ECG006C-PCB
ECG006F-PCB
Recommended Component Values
Reference
Frequency (MHz)
Designator
50
500
900
1900
2200
2500
3500
L1
820 nH
220 nH
68 nH
27 nH
22 nH
18 nH
15 nH
C1, C2, C4
.018 µF
1000 pF
100 pF
68 pF
68 pF
56 pF
39 pF
1. The proper values for the components are dependent upon the intended frequency of operation.
2. The following values are contained on the evaluation board to achieve optimal broadband performance:
Ref. Desig.
Value / Type
Size
L1
39 nH wirewound inductor
0603
C1, C2
56 pF chip capacitor
0603
C3
0.018
PF chip capacitor
0603
C4
Do Not Place
R4
24.3
: 1% tolerance
0805
Recommended Bias Resistor Values
Supply
Voltage
R1 value
Size
5 V
24.4 ohms
0805
6 V
46.7 ohms
0805
8 V
91 ohms
1210
9 V
113 ohms
1210
10 V
136 ohms
2010
12 V
180 ohms
2010
The proper value for R1 is dependent upon the supply
voltage and allows for bias stability over temperature.
WJ recommends a minimum supply bias of +5 V. A
1% tolerance resistor is recommended.
C1
Blocking
Capacitor
RF OUT
L1
RF Choke
C3
0.018 µF
R4
Bias
Resistor
RF IN
C4
Bypass
Capacitor
C2
Blocking
Capacitor
Vcc
Icc = 45 mA
ECG006



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com