Electronic Components Datasheet Search
  English  ▼

X  

ECG006B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ECG006B
Description  InGaP HBT Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG006B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ECG006B Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 7Page - List of Unclassifed Manufacturers ECG006B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004 Rev 1
ECG006
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device S-Parameters – ECG006B / ECG006B-G
S-Parameters (Vdevice = +3.9 V, ICC = 45 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-16.18
-2.18
15.76
178.02
-18.89
-0.38
-14.36
-2.29
500
-16.13
-22.13
15.57
160.12
-18.77
-2.87
-14.40
-26.41
1000
-15.97
-44.58
15.21
141.76
-18.46
-5.33
-14.15
-51.57
1500
-15.79
-68.38
14.80
124.56
-17.94
-9.45
-13.78
-77.30
2000
-15.34
-96.24
14.57
108.50
-17.29
-14.37
-13.23
-104.15
2500
-14.99
-124.42
14.34
91.11
-16.69
-21.48
-12.79
-131.75
3000
-14.73
-153.90
14.02
74.20
-16.16
-29.16
-12.22
-160.58
3500
-14.29
174.59
13.65
56.77
-15.76
-38.37
-11.63
170.65
4000
-13.38
141.41
13.22
39.56
-15.49
-47.75
-10.44
143.61
4500
-11.80
110.87
12.66
22.19
-15.29
-57.59
-9.04
117.68
5000
-9.66
85.53
12.00
5.48
-15.28
-68.56
-7.50
96.34
5500
-7.85
63.77
11.20
-10.89
-15.43
-79.10
-6.12
76.71
6000
-6.37
47.01
10.36
-26.75
-15.69
-89.87
-4.95
59.58
Typical Device S-Parameters – ECG006C
S-Parameters (Vdevice = +3.9 V, ICC = 45 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-13.66
-1.22
15.30
178.47
-18.67
-0.33
-12.25
-1.92
500
-13.64
-13.39
15.23
164.32
-18.59
0.29
-12.33
-20.62
1000
-14.11
-23.99
15.01
149.00
-18.38
0.78
-12.52
-41.41
1500
-15.20
-35.45
14.72
134.06
-17.99
0.29
-13.08
-62.51
2000
-17.86
-52.47
14.44
119.89
-17.52
-0.93
-14.31
-82.78
2500
-20.46
-93.43
14.06
105.18
-17.12
-3.33
-15.20
-99.71
3000
-18.86
-135.97
13.53
91.27
-16.59
-6.24
-15.01
-124.98
3500
-17.20
-158.47
12.99
77.75
-16.21
-10.91
-14.89
-157.99
4000
-16.45
-171.80
12.38
65.03
-15.93
-15.16
-14.50
170.24
4500
-17.31
166.84
11.76
52.68
-15.73
-19.74
-13.75
147.52
5000
-16.22
136.42
11.25
40.65
-15.52
-24.35
-12.08
133.59
5500
-13.68
110.91
10.56
28.09
-15.42
-29.98
-10.21
119.31
6000
-11.01
97.79
9.95
17.28
-15.43
-34.96
-8.73
106.39
Typical Device S-Parameters – ECG006F
S-Parameters (Vdevice = +3.9 V, ICC = 45 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-16.22
-0.52
15.76
178.32
-18.82
-0.82
-14.16
-2.06
500
-14.87
-18.97
15.63
165.77
-18.87
1.49
-12.83
-24.91
1000
-16.45
-51.46
15.51
151.31
-18.40
1.44
-14.19
-55.98
1500
-16.41
-95.69
15.22
137.15
-18.07
0.35
-14.59
-93.37
2000
-14.08
-118.65
14.79
123.39
-17.74
-1.31
-13.52
-120.99
2500
-12.50
-114.48
14.48
112.93
-17.16
-2.57
-13.05
-122.53
3000
-12.18
-126.96
14.14
100.74
-16.80
-4.49
-12.19
-138.80
3500
-11.70
-139.53
13.94
88.52
-16.16
-8.66
-11.93
-159.41
4000
-10.97
-158.51
13.57
75.28
-15.72
-12.48
-11.00
174.63
4500
-10.24
178.62
13.03
62.14
-15.50
-19.07
-9.10
151.63
5000
-9.06
161.58
12.33
51.12
-15.19
-24.71
-7.50
139.14
5500
-8.32
150.77
11.60
42.08
-15.22
-28.00
-6.87
136.14
6000
-7.84
140.56
10.95
33.72
-15.14
-30.97
-6.78
137.51
Device S-parameters are available for download off of the website at: http://www.wj.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com