Electronic Components Datasheet Search
  English  ▼

X  

TLV70518YFPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70518YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70518YFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV70518YFPR Datasheet HTML 17Page - Texas Instruments TLV70518YFPR Datasheet HTML 18Page - Texas Instruments TLV70518YFPR Datasheet HTML 19Page - Texas Instruments TLV70518YFPR Datasheet HTML 20Page - Texas Instruments TLV70518YFPR Datasheet HTML 21Page - Texas Instruments TLV70518YFPR Datasheet HTML 22Page - Texas Instruments TLV70518YFPR Datasheet HTML 23Page - Texas Instruments TLV70518YFPR Datasheet HTML 24Page - Texas Instruments TLV70518YFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Feb-2018
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TLV705075YFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
3V
TLV705075YFPT
ACTIVE
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
3V
TLV70509YFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
3W
TLV70509YFPT
ACTIVE
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
3W
TLV70512YFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BU
TLV70512YFPT
ACTIVE
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BU
TLV70515YFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BV
TLV70515YFPT
ACTIVE
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BV
TLV705165YFPR
PREVIEW
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
CN
TLV705165YFPT
PREVIEW
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
CN
TLV705185YFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
YS
TLV705185YFPT
ACTIVE
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
YS
TLV70518PYFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
EV
TLV70518PYFPT
ACTIVE
DSBGA
YFP
4
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
EV
TLV70518YFMR
ACTIVE
DSLGA
YFM
4
3000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
TLV70518YFMT
ACTIVE
DSLGA
YFM
4
250
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
TLV70518YFPR
ACTIVE
DSBGA
YFP
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
WT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com