Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-HMC02F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF06-HMC02F2
Description  6-line IPAD™, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HMC02F2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF06-HMC02F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF06-HMC02F2
6/7
DocID028878 Rev 1
3
Ordering information
Figure 13. Ordering information scheme
Note:
More information are available in the application notes:
AN1235:"Flip chip: Package description and recommendations for use"
4
Revision history
Table 4. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-HMC02F2
LK
Flip chip
5.3 mg
5000
Tape and reel 7”
Table 5. Document revision history
Date
Revision
Changes
02-Mar-2016
1
Initial release.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com