Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-HMC02F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-HMC02F2
Description  6-line IPAD™, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HMC02F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-HMC02F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-HMC02F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical characteristics
EMIF06-HMC02F2
2/7
DocID028878 Rev 1
1
Electrical characteristics
Figure 3. Electrical characteristics (definitions)
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter and test conditions
Value
Unit
VPP
Internal pins (A4, B4, C3, C4, D3, D4):
ESD discharge IEC61000-4-2, air discharge
ESD discharge IEC61000-4-2, contact discharge
External pins (A1, A2, A3, B1, B2, C1, D1):
ESD discharge IEC61000-4-2, air discharge
ESD discharge IEC61000-4-2, contact discharge
2
2
15
8
kV
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 3. Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Tolerance
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V
0.1
µA
Cline
VBIAS = 0 V, VOSC = 30 mV,
f = 1 MHz
20
pF
R2,R3,R4,
R5, R6, R7
I = 50 mA
±20%
50
Ω
R10, R11,
R12, R13
I = 50 µA
±30%
75
kΩ
R14
I = 200 µA
±30%
7
kΩ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com