Electronic Components Datasheet Search
  English  ▼

X  

ESDA5-1F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA5-1F4
Description  Low clamping single line unidirectional ESD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5-1F4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA5-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 8Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2017
DocID030582 Rev 1
1/9
This is information on a product in full production.
www.st.com
ESDA5-1F4
Low clamping single line unidirectional ESD
Datasheet - production data
Features
Low clamping voltage:
-3 V / +9 V (IEC 61000-4-2 contact
discharge at 30 ns)
Unidirectional device
Low leakage current
0201 package
ECOPACK®2 compliant component
Complies with the following standards
IEC 61000-4-2, level 4 (exceed level 4)
±30 kV (air discharge)
±30 kV (contact discharge)
Applications
Where transient over voltage protection in ESD
sensitive equipment is required, such as:
Smartphones, mobile phones and
accessories
Tablet, PC, netbooks and notebooks
Portable multimedia devices and
accessories
Digital cameras and camcorders
Communication and highly integrated
systems
Description
The ESDA5-1F4 is a unidirectional single line
TVS diode designed to protect the data line or
other I/O ports against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
Figure 1: Functional diagram
0201 package


Similar Part No. - ESDA5-1F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
logo
Shanghai Leiditech Elec...
ESDA5-1BF4 LEIDITECH-ESDA5-1BF4 Datasheet
1Mb / 3P
1- Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - ESDA5-1F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
Low clamping single line bidirectional ESD protection
08-Apr-2014
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
ESDAXLC5-1U2 STMICROELECTRONICS-ESDAXLC5-1U2 Datasheet
346Kb / 12P
Low clamping, single-line unidirectional ESD protection for high speed interface
25-Jan-2016
ESDZL5-1F4 STMICROELECTRONICS-ESDZL5-1F4 Datasheet
445Kb / 9P
Low clamping, low capacitance unidirectional single line ESD protection
17-Aug-2017
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
ESD051-1F4 STMICROELECTRONICS-ESD051-1F4 Datasheet
553Kb / 10P
Low clamping single line unidirectional ESD
02-Jul-2018
logo
Nexperia B.V. All right...
PESD5V5C1UL-Q NEXPERIA-PESD5V5C1UL-Q Datasheet
215Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD5V5C1UL NEXPERIA-PESD5V5C1UL Datasheet
214Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com