Electronic Components Datasheet Search
  English  ▼

X  

MAX5116 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5116
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5116 Datasheet HTML 2Page - Maxim Integrated Products MAX5116 Datasheet HTML 3Page - Maxim Integrated Products MAX5116 Datasheet HTML 4Page - Maxim Integrated Products MAX5116 Datasheet HTML 5Page - Maxim Integrated Products MAX5116 Datasheet HTML 6Page - Maxim Integrated Products MAX5116 Datasheet HTML 7Page - Maxim Integrated Products MAX5116 Datasheet HTML 8Page - Maxim Integrated Products MAX5116 Datasheet HTML 9Page - Maxim Integrated Products MAX5116 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
6
_______________________________________________________________________________________
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.18
-0.16
-0.14
-0.12
-0.10
-0.08
-0.20
-40
85
OFFSET OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
8
6
4
2
0.20
0.25
0.30
0.35
0.40
0.15
010
VDD = VREFH_ = 5V
VREFL_ = 0.2V
VDD = VREFH_ = 3V
FULL-SCALE OUTPUT VOLTAGE
vs. OUTPUT SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
12
9
6
3
2.5
3.0
3.5
4.0
4.5
5.0
2.0
015
VDD = VREFH_ = 5V
VDD = VREFH_ = 3V
SUPPLY CURRENT
vs. INPUT CODE
INPUT CODE
192
128
64
450
500
550
600
650
700
750
800
400
0256
NO LOAD
SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
1000
100
NO LOAD
VDD = VREFH = +5V
1234
05
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
500
550
600
650
700
450
-40
85
NO LOAD
C
A
B
D
A: VDD = 5V, VREFH_ = 4.096V, CODE = FFh
B: VDD = 5V, VREFH_ = 4.096V, CODE = 00h
C: VDD = 3V, VREFH_ = 2.5V, CODE = FFh
D: VDD = 3V, VREFH_ = 2.5V, CODE = 00h
Typical Operating Characteristics (continued)
(VDD = +3V, VREFH_ = +3V, VREFL_ = GND, RL = 5k
Ω, CL = 100pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com