Electronic Components Datasheet Search
  English  ▼

X  

LTC3728L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3728L
Description  Dual, 550kHz, 2-Phase Synchronous Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728L Datasheet(HTML) 1 Page - Linear Technology

  LTC3728L Datasheet HTML 1Page - Linear Technology LTC3728L Datasheet HTML 2Page - Linear Technology LTC3728L Datasheet HTML 3Page - Linear Technology LTC3728L Datasheet HTML 4Page - Linear Technology LTC3728L Datasheet HTML 5Page - Linear Technology LTC3728L Datasheet HTML 6Page - Linear Technology LTC3728L Datasheet HTML 7Page - Linear Technology LTC3728L Datasheet HTML 8Page - Linear Technology LTC3728L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC3728L/LTC3728LX
3728lxfa
Figure 1. High Efficiency Dual 5V/3.3V Step-Down Converter
s
Dual, 180
° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
s
OPTI-LOOP
® Compensation Minimizes COUT
s
±1% Output Voltage Accuracy (LTC3728LC)
s
Power Good Output Voltage Indicator
s
Phase-Lockable Fixed Frequency 250kHz to 550kHz
s
Dual N-Channel MOSFET Synchronous Drive
s
Wide VIN Range: 4.5V to 28V Operation
s
Very Low Dropout Operation: 99% Duty Cycle
s
Adjustable Soft-Start Current Ramping
s
Foldback Output Current Limiting
s
Latched Short-Circuit Shutdown with Defeat Option
s
Output Overvoltage Protection
s
Low Shutdown IQ: 20µA
s
5V and 3.3V Standby Regulators
s
3 Selectable Operating Modes: Constant Frequency,
Burst Mode
® Operation and PWM
s
5mm
× 5mm QFN and 28-Lead Narrow SSOP
Packages
The LTC
®3728L/LTC3728LX are dual high performance
step-down switching regulator controllers that drive all
N-channel synchronous power MOSFET stages. A con-
stant frequency current mode architecture allows phase-
lockable frequency of up to 550kHz. Power loss and noise
due to the ESR of the input capacitors are minimized by
operating the two controller output stages out of phase.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capacitance and
ESR values. The precision 0.8V reference and power good
output indicator are compatible with future microproces-
sor generations, and a wide 4.5V to 28V (30V maximum)
input supply range encompasses all battery chemistries.
A RUN/SS pin for each controller provides both soft-start
and optional timed, short-circuit shutdown. Current
foldback limits MOSFET dissipation during short-circuit
conditions when overcurrent latchoff is disabled. Output
overvoltage protection circuitry latches on the bottom
MOSFET until VOUT returns to normal. The FCB mode pin
can select among Burst Mode, constant frequency mode
and continuous inductor current mode or regulate a
secondary winding. The LTC3728L/LTC3728LX include a
power good output pin that indicates when both outputs
are within 7.5% of their designed set point.
s
Notebook and Palmtop Computers
s
Telecom Systems
s
Portable Instruments
s
Battery-Operated Digital Devices
s
DC Power Distribution Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
+
4.7
µF
D3
D4
M1
CB1, 0.1µF
R2
105k
1%
1000pF
L1
3.2
µH
CC1
220pF
1
µF
CERAMIC
CIN
22
µF
50V
CERAMIC
+
COUT1
47
µF
6V
SP
RSENSE1
0.01
Ω
R1
20k
1%
RC1
15k
VOUT1
5V
5A
M2
CB2, 0.1µF
R4
63.4k
1%
L2
3.2
µH
CC2
220pF
1000pF
+
COUT
56
µF
6V
SP
RSENSE2
0.01
Ω
R3
20k
1%
RC2
15k
VOUT2
3.3V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN PGOOD INTVCC
RUN/SS1
RUN/SS2
VIN
5.2V TO 28V
M1, M2: FDS6982S
3728 F01
CSS1
0.1
µF
CSS2
0.1
µF
LTC3728L/
LTC3728LX
PLLIN
fIN
500kHz
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Dual, 550kHz, 2-Phase
Synchronous Regulators


Similar Part No. - LTC3728L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3728L LINER-LTC3728L Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L LINER-LTC3728L Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728LCGN LINER-LTC3728LCGN Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
More results

Similar Description - LTC3728L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728LCGN-PBF LINER-LTC3728LCGN-PBF Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC3728L LINER-LTC3728L_15 Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728LX LINER-LTC3728LX_15 Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com