Electronic Components Datasheet Search
  English  ▼

X  

LTC3728L Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3728L
Description  Dual, 550kHz, 2-Phase Synchronous Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728L Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3728L Datasheet HTML 9Page - Linear Technology LTC3728L Datasheet HTML 10Page - Linear Technology LTC3728L Datasheet HTML 11Page - Linear Technology LTC3728L Datasheet HTML 12Page - Linear Technology LTC3728L Datasheet HTML 13Page - Linear Technology LTC3728L Datasheet HTML 14Page - Linear Technology LTC3728L Datasheet HTML 15Page - Linear Technology LTC3728L Datasheet HTML 16Page - Linear Technology LTC3728L Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC3728L/LTC3728LX
3728lxfa
Figure 1 on the first page is a basic LTC3728L/LTC3728LX
application circuit. External component selection is driven
by the load requirement, and begins with the selection of
RSENSE and the inductor value. Next, the power MOSFETs
and D1 are selected. Finally, CIN and COUT are selected.
The circuit shown in Figure 1 can be configured for
operation up to an input voltage of 28V (limited by the
external MOSFETs).
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The current comparator has a maximum threshold of
75mV/RSENSE and an input common mode range of SGND
to 1.1(INTVCC). The current comparator threshold sets the
peak of the inductor current, yielding a maximum average
output current IMAX equal to the peak value less half the
peak-to-peak ripple current,
∆IL.
Allowing a margin for variations in the IC and external
component values yields:
R
mV
I
SENSE
MAX
=
50
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to
the internal compensation required to meet stability crite-
rion for buck regulators operating at greater than 50%
duty factor. A curve is provided to estimate this reduction
in peak output current level depending upon the operating
duty factor.
Operating Frequency
The IC uses a constant frequency phase-lockable architec-
ture with the frequency determined by an internal capaci-
tor. This capacitor is charged by a fixed current plus an
additional current which is proportional to the voltage
applied to the PLLFLTR pin. Refer to Phase-Locked Loop
and Frequency Synchronization in the Applications Infor-
mation section for additional information.
A graph for the voltage applied to the PLLFLTR pin vs
frequency is given in Figure 5. As the operating frequency
is increased the gate charge losses will be higher, reducing
efficiency (see Efficiency Considerations). The maximum
switching frequency is approximately 550kHz.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because of
MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current. The
inductor ripple current
∆IL decreases with higher induc-
tance or frequency and increases with higher VIN:
∆I
fL
V
V
V
L
OUT
OUT
IN
=


1
1
()( )
–
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL=0.3(IMAX). The maximum ∆IL
occurs at the maximum input voltage.
APPLICATIO S I FOR ATIO
Figure 5. PLLFLTR Pin Voltage vs Frequency
OPERATING FREQUENCY (kHz)
200
300
400
500
600
3728 F05
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com