Electronic Components Datasheet Search
  English  ▼

X  

PE6831 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6831
Description  175 Watts High Power WR-62 Waveguide Load
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6831 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6831 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6831 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6831 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
175 Watts High Power WR-62 Waveguide Load 12.4 GHz to 18 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 175 Watts High Power WR-62 Waveguide Load 12.4 GHz to 18 GHz PE6831
URL: https://www.pasternack.com/high-power-waveguide-termination-frequency-range-1240-1800-ghz-pe6831-p.aspx
PE6831 REV 1.1
PE6831
175 Watts High Power WR-62 Waveguide
Load 12.4 GHz to 18 GHz
Waveguide Terminations Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com