Electronic Components Datasheet Search
  English  ▼

X  

PE6831 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6831
Description  175 Watts High Power WR-62 Waveguide Load
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6831 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6831 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6831 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6831 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-62
• 12.4 to 18 GHz
• 1.10:1 Maximum VSWR
• 175 Watt Average Power Handling (CW)
Applications
• Instrumentation
• Precision Measurements
• Prototyping and Characterization
• Production Systems
.
Description
Pasternack’s PE6831 is part of our line of waveguide terminations (or waveguide loads) which are in stock and available to
ship same-day. Waveguide loads are designed to absorb virtually all applied power, ensuring a low VSWR. Our PE6831 offers
excellent VSWR of 1.10:1 maximum. This WR-62 waveguide termination uses a square cover flange and offers CW power
handling of up to 175 Watts.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
12.4
18
GHz
VSWR
1.1:1
Input Power (CW)
175
Watts
.
Mechanical Specifications
Size
Length
4 in [101.6 mm]
Width/Dia.
2.5 in [63.5 mm]
Height
2.5 in [63.5 mm]
.
Weight
1.388 lbs [629.59 g]
.
Description
Flange
Waveguide
Designation
None
WR-62
Type
Square Cover
Material
Aluminum
Finish
Blue Paint
Blue Paint
...
Environmental Specifications
.
PE6831 REV 1.1
PE6831
175 Watts High Power WR-62 Waveguide
Load 12.4 GHz to 18 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 175 Watts High Power WR-62 Waveguide Load 12.4 GHz to 18 GHz PE6831


Similar Part No. - PE6831

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
More results

Similar Description - PE6831

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
1.5 Watts WR-62 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6824 PASTERNACK-PE6824_17 Datasheet
349Kb / 3P
90 Watts High Power WR-90 Waveguide Load
PE6832 PASTERNACK-PE6832_16 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE-W62TF005-24 PASTERNACK-PE-W62TF005-24_V01 Datasheet
395Kb / 4P
WR-62 Twistable Flexible Waveguide
PE-W62TF005-36 PASTERNACK-PE-W62TF005-36_V01 Datasheet
397Kb / 4P
WR-62 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com