Electronic Components Datasheet Search
  English  ▼

X  

T93 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T93
Description  3/8" Square Multi-Turn Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93 Datasheet(HTML) 1 Page - Vishay Siliconix

  T93 Datasheet HTML 1Page - Vishay Siliconix T93 Datasheet HTML 2Page - Vishay Siliconix T93 Datasheet HTML 3Page - Vishay Siliconix T93 Datasheet HTML 4Page - Vishay Siliconix T93 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T93
www.vishay.com
Vishay Sfernice
Revision: 26-Jan-18
1
Document Number: 51026
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square Multi-Turn Cermet Trimmer
DESIGN SUPPORT TOOLS
FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41000 or IEC 60393-1
• Contact resistance variation < 2 %
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
The T93 is a small size trimmer - 3/8" x 3/8" x 3/16" - answering PC board mounting requirements. Five versions are available
which differ by the position of the control screw in relation to the PC board plane and by the spacing of the terminals. Excellent
operational stability is provided by the use of a cermet element.
Note
(1) To be measured at base level
click logo to get started
Available
Models
DIMENSIONS in millimeters (± 0.5 mm)
2.3 ± 0.2 (1)
2.54
2.54
Slot 0.6 x 0.6
9.8 max. 5 ± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9 ± 0.2
0.5
T93XA
9.7 max
5 max
1.2 ± 0.2
Terminal Spacing on
a 2.54 PCB
a
b
c
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
Slot 0.6 x 0.6
2.54
9.8 max
5 ± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9 ± 0.2
0.5
9.7 max
5 max
1.2 ± 0.2
a
b
c
T93XB
2.3 ± 0.2 (1)
2.54 (1)
2.54 (1)
9.8 max
5 ± 1
ø 0.5
a
b
c
slot 0.6 x 0.6
ø 2.2
1.3
0.5
9.7 max
5 max
1.2 ± 0.1
1.6 ± 0.1
a
b
c
T93YA
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
2.54
9.8 max
5 ± 1
a
slot 0.6 x 0.6
ø 2.2
1.3
ø 0.5
b
c
0.5
9.7 max
5 max
1.2 ± 0.1
1.6 ± 0.1
a
b
c
T93YB
4.8 ± 0.2 (1)
Slot 0.6 x 0.6
2.54 (1)
2.54 (1)
2.54 (1)
9.7 max.
1.3
ø 2.2
c
b
a
T93Z
5.2 max
5 ± 1
ø 0.5
0.5
Base level
1.2 ± 0.1
1.3 ± 0.1
9.7 max
c
b
a


Similar Part No. - T93

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
T93 VISHAY-T93 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93 Datasheet
103Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
Revision: 20-Oct-2025
logo
Intel Corporation
T9300 INTEL-T9300 Datasheet
1Mb / 77P
Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
Infineon Technologies A...
T930N INFINEON-T930N Datasheet
297Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
More results

Similar Description - T93

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com