Electronic Components Datasheet Search
  English  ▼

X  

T93 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T93
Description  3/8" Square Multi-Turn Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93 Datasheet(HTML) 3 Page - Vishay Siliconix

  T93 Datasheet HTML 1Page - Vishay Siliconix T93 Datasheet HTML 2Page - Vishay Siliconix T93 Datasheet HTML 3Page - Vishay Siliconix T93 Datasheet HTML 4Page - Vishay Siliconix T93 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T93
www.vishay.com
Vishay Sfernice
Revision: 26-Jan-18
3
Document Number: 51026
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
-55 °C
+125 °C
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. CURRENT
THROUGH WIPER
W
V
mA
ppm/°C
10
0.5
2.2
224
± 100
22
0.5
3.3
150
47
0.5
4.8
103
100
0.5
7
70
220
0.5
10.5
47
470
0.5
15.3
32
1K
0.5
22.4
22
2.2K
0.5
33.2
15
4.7K
0.5
48.5
10
10K
0.5
70.7
7
22K
0.5
105
4.8
47K
0.5
153
3.2
100K
0.5
224
2.2
220K
0.28
250
1.1
470K
0.13
250
0.53
1M
0.06
250
0.25
2.2M
0.028
250
0.11
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
R
1-2/R1-2 (%)
Load life
1000 h at rated power
90'/30' - ambient temp. 70 °C
± 1 %
Contact res. variation: < 1 % Rn
± 2 %
Climatic sequence
Phase A dry heat 125 °C - 30 % Pr
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Long term damp heat
56 days
40 °C, 93 % RH
± 0.5 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
± 1 %
Rapid temperature change
5 cycles
-55 °C to +125 °C
± 0.5 %
V
1-2/V1-3  ± 1 %
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g
during 6 h
± 0.1 %
V
1-2/V1-3  ± 0.2 %
Rotational life
200 cycles
± 4 %
Contact res. variation: < 1 % Rn
-
MARKING
• Vishay trademark
•Model
•Style
• Ohmic value (in
, k, M)
• Tolerance (in %)
• Manufacturing date
• Marking of terminal 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com