Electronic Components Datasheet Search
  English  ▼

X  

TS5 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TS5
Description  Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS5 Datasheet(HTML) 4 Page - Vishay Siliconix

  TS5 Datasheet HTML 1Page - Vishay Siliconix TS5 Datasheet HTML 2Page - Vishay Siliconix TS5 Datasheet HTML 3Page - Vishay Siliconix TS5 Datasheet HTML 4Page - Vishay Siliconix TS5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS5
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
4
Document Number: 51007
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
Vishay trademark, ohmic value, manufacturing date
The ohmic value is indicated by a 3 figure code, the first two are significant figures, the third one is the multiplier.
Example:
100 = 10

101 = 100

102 = 1000

503 = 50 000
PACKAGING in millimeters
On tape and reel of 500 pieces, code R10 (TR500) and 2000 pieces, code R20 (TR2000)
Cover tape panel strength specifications EIA 481 A and CEI 60286-3.
DRYPACK
Devices are packed in moisture barrier bags to prevent the products from moisture absorption during transportation and storage.
Each bag contains a desiccant.
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TS5
YL
YJ
From
10
 to 1 M
504 = 500 k
K = 10 %
R10 =
reel 500 pieces
On request
R20 =
reel 2000 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
TS5
YL
500K
10 %
TR
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD (Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
3 slots - width 2° to 120° - Ø ext. 23
Ø 12.7
Ø 178
± 2
0.3
3.2
2
Ø 70
13
8
5.2
7.6
12
5.5
1.75
4
2
Ø 1.5
10
50
K
4R
L
S5
Y
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com