Electronic Components Datasheet Search
  English  ▼

X  

TS5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS5
Description  Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS5 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS5 Datasheet HTML 1Page - Vishay Siliconix TS5 Datasheet HTML 2Page - Vishay Siliconix TS5 Datasheet HTML 3Page - Vishay Siliconix TS5 Datasheet HTML 4Page - Vishay Siliconix TS5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS5
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
1
Document Number: 51007
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5 mm Square Surface Mount Miniature Trimmers Single-Turn
Cermet Fully Sealed
The TS5 trimming potentiometer has been designed for
surface mount applications and offers volumetric efficiency
(5 mm x 5 mm x 2.7 mm) with high performance and
stability.
The TS5 design is suitable for both manual or automatic
operation, and can withstand wave and reflow soldering
techniques.
FEATURES
• 0.25 W at 70 °C
• Professional grade
• Wide ohmic range (10
 to 1 M)
• Full sealing
• Low contact resistance variation (1 % or 3
)
• Small size for optimum packaging density
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.25 mm)
RECOMMENDED
SOLDERING AREAS
TS5YL
TS5YJ
TS5YL
TS5YJ
Cruciform screwdriver slot
Ø 2.5, width 0.5
Deep: 0.55
Max. deep (center): 0.7
5
2.7
6.70
0.20
0.75
5
2.7
5.5
0.20
1.1
1.3
2
b
5.5
1.3
1.3
2.3
a
c
2
1.3
2
2
2.3
b
a
c
4
1 x 0.20
5
b
a
c
0.9 x 0.20
2.30
1 x 0.20
0.9 x 0.20
2.30
5
a
b
c


Similar Part No. - TS5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS5 VISHAY-TS5 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
logo
Tyco Electronics
TS5-1Y MACOM-TS5-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
logo
Transcend Information. ...
TS500GSJ25C TRANSCEND-TS500GSJ25C Datasheet
106Kb / 3P
SATA HDD Enclosure
TS500GSJ25F TRANSCEND-TS500GSJ25F Datasheet
364Kb / 2P
External HDD
TS500GSJ25P TRANSCEND-TS500GSJ25P Datasheet
156Kb / 3P
SATA HDD Enclosure
More results

Similar Description - TS5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
04-Mar-02
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
27-Jun-07
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com