Electronic Components Datasheet Search
  English  ▼

X  

CX28331-3X Datasheet(PDF) 35 Page - Synaptics Incorporated.

Part # CX28331-3X
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331-3X Datasheet(HTML) 35 Page - Synaptics Incorporated.

Back Button CX28331-3X Datasheet HTML 31Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 32Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 33Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 34Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 35Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 36Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 37Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 38Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 39Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.2 Transmitter
100985A
Conexant
2-3
2.2 Transmitter
This section describes the detailed operation of the various blocks in the CX2833i
transmitter.
2.2.1 AMI B3ZS/HDB3 Encoder
ENDECDIS and the E3MODE pins configure the encoder mode.
When ENDECDIS = 0, the encoder is receiving non-encoded Nonreturn to
Zero (NRZ) data on the TNRZ (TPOS) pin alone, and the NC (no connect)
(TNEG) pin is ignored.
Data is encoded into a representation of a three-level B3ZS (E3MODE = 0) or
HDB3 (E3MODE = 1) signal (conforming to the coding rules as specified in
Appendix A) before going on to the pulse shaper in the form of two binary signals
representing the positive and negative three-level pulses.
When ENDECDIS = 1, the encoder is disabled. The encoder passes
already-encoded data over TPOS (TNRZ) and TNEG (NC) to the pulse shaper.
The transmit digital data is clocked into the chip via a rising TCLK edge,
which must be equal to the symbol rate (line rate). A small delay added to the data
provides a certain amount of negative data hold time.
2.2.2 Pulse Shaper
The pulse shaper converts the two digital (clocked) positive and negative pulses
into a single analog three-level Alternate Mark Inversion (AMI) pulse. The pulses
are in Return to Zero (RZ) format, meaning that all positive and negative pulses
have a duration of the first half of the symbol period.
For the E3 rate (E3MODE = 1), the AMI pulse is a full-amplitude,
square-shaped pulse with very little slope.
Figure 2-2. Pulse Shaper
100604_008
Pulse
Shaper
LBO
E3
Mode
LBO = 0
LBO = 1
+ Pulse
– Pulse
Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com