Electronic Components Datasheet Search
  English  ▼

X  

CX28331-3X Datasheet(PDF) 49 Page - Synaptics Incorporated.

Part # CX28331-3X
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331-3X Datasheet(HTML) 49 Page - Synaptics Incorporated.

Back Button CX28331-3X Datasheet HTML 45Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 46Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 47Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 48Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 49Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 50Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 51Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 52Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 53Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.6 Mechanical Specifications
100985A
Conexant
2-17
2.6 Mechanical Specifications
Figure 2-10. CX2833i-1x Mechanical Drawing (80-Pin)—Dimensions
D
3
D
3
D
D
1
D
1
D
2
D
D
1
D
2
A
L
A
1
L
1
A
2
Pin #1
Ref. Mark
eb
See DETAIL B
TOP
DETAIL B
BOTTOM
c
Dim.
A
A1
A2
D
D1
D2
D3
L
L1
b
c
e
Coplanarity
0.05
0.95
15.75
13.90
0.45
0.09
1.20 MAX.
12.35 REF.
6.50 REF.
1.00 REF.
0.32 REF.
0.65 REF.
0.10 MAX.
0.15
1.05
16.25
14.10
0.75
0.20
0.002
0.040
0.620
0.547
0.018
0.004
0.047 MAX.
0.486 REF.
0.256 REF.
0.039 REF.
0.013 REF.
0.026 REF.
0.004 MAX.
0.006
0.041
0.640
0.555
0.030
0.008
Ref. 80-Pin ETQFP (GP00-D537)
Millimeters
Inches
Min.
Max.
Min.
Max.
100985_008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com