Electronic Components Datasheet Search
  English  ▼

X  

TL103WAID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL103WAID Datasheet(HTML) 6 Page - Texas Instruments

  TL103WAID Datasheet HTML 1Page - Texas Instruments TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
SLOS437G − APRIL 2004 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VOLTAGE REFERENCE
electrical characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
TL103W
IK = 10 mA
25
°C
2.482
2.5
2.518
VREF
Reference voltage
TL103W
IK = 10 mA
Full range
2.465
2.535
V
VREF
Reference voltage
TL103WA
IK = 10 mA
25
°C
2.49
2.5
2.51
V
TL103WA
IK = 10 mA
Full range
2.48
2.52
∆VREF
Reference input voltage deviation
over temperature range
VKA = VREF, IK = 10 mA
Full range
7
30
mV
Imin
Minimum cathode current for regulation
VKA = VREF
25
°C
0.5
1
mA
z
ka
Dynamic impedance
(see Note 5)
VKA = VREF, ∆IK = 1 mA to 100 mA,
f
< 1 kHz
25
°C
0.2
0.5
Ω
NOTE 5: The dynamic impedance is defined as
z
ka +
∆V
KA
∆I
K
.
TOTAL DEVICE
electrical characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ICC
Total supply current,
VCC+ = 5 V,
No load
Full range
0.7
1.2
mA
ICC
Total supply current,
excluding cathode-current reference
VCC+ = 30 V,
No load
Full range
2
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com