Electronic Components Datasheet Search
  English  ▼

X  

TL103WAID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL103WAID Datasheet(HTML) 2 Page - Texas Instruments

  TL103WAID Datasheet HTML 1Page - Texas Instruments TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PREVIEW
PREVIEW
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
SLOS437G − APRIL 2004 − REVISED DECEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
MAX VIO AND VREF
TOLERANCE
(25
°C)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
A grade
QFN (DRJ)
Reel of 1000
TL103WAIDRJR
A grade
3 mV, 0.4%
SOIC (D)
Tube of 75
TL103WAID
Z103WA
−40
°C to 105°C
3 mV, 0.4%
SOIC (D)
Reel of 2500
TL103WAIDR
Z103WA
−40
°C to 105°C
Standard grade
QFN (DRJ)
Reel of 1000
TL103WIDRJR
Standard grade
4 mV, 0.7%
SOIC (D)
Tube of 75
TL103WID
Z103W
4 mV, 0.7%
SOIC (D)
Reel of 2500
TL103WIDR
Z103W
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
absolute maximum ratings over free-air temperature range (unless otherwise noted)‡
Supply voltage, VCC
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operational amplifier input differential voltage, Vid
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operational amplifier input voltage range, VI
−0.3 V to 36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage reference cathode current, IKA
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Notes 1 and 3): DRJ package
TBD
°C/W
. . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Selecting the maximum of 150°C can affect reliability
2. The package thermal impedance is calculated in accordance with JESD 51-7.
3. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions
MIN
MAX
UNIT
VIN
Supply voltage
3
32
V
IK
Cathode current
1
100
mA
TA
Operating free-air temperature
−40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com