Electronic Components Datasheet Search
  English  ▼

X  

QCS-332 Datasheet(PDF) 1 Page - Mini-Circuits

Part # QCS-332
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-332 Datasheet(HTML) 1 Page - Mini-Circuits

  QCS-332 Datasheet HTML 1Page - Mini-Circuits QCS-332 Datasheet HTML 2Page - Mini-Circuits QCS-332 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• High Power handling (8W)
• Low Unbalance, 0.8 dB & 2 deg. typ.
• Industry leading combination of
size/bandwidth
Feature
Advantages
Small Size
Offered in the EIA-0805 package size, the QCS-332+ offers an industry leading combination
of size, bandwidth and frequency. The small footprint (2.0mm x1.25mm) allows for reduced
parasitics in systems with improved performance and simplified layout.
Low Phase and Amplitude Unbalance
Supporting 2 deg. and 0.8 dB unbalance make this 90° hybrid applicable for use in high-
er level integrated components such as image reject mixers, single sideband modulators,
phase shifters, variable attenuators, and balance amplifiers.
High Power Handling
Capable of operating up to 8W, the LTCC construction of the QCS-332+ makes this 90°
hybrid a robust, rugged product that can be used effectively in either the transmit or receive
paths.
Key Features
QCS-332+
50
Ω
1800 to 3300 MHz
Product Overview
Mini-Circuits new 90° Power Splitter, model: QCS-332+, offers an industry leading combination of operating
bandwidth and size; supporting nearly an octave band in a miniature EIA-0805 form factor. The outstanding
phase and amplitude unbalance make this component a versatile building block for use in a variety of systems
and sub-system designs.
2 Way-90° Power Splitter
CASE STYLE: GE0805C-1


Similar Part No. - QCS-332

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCS-332+ MINI-QCS-332+ Datasheet
129Kb / 1P
2 Way-90째 Power Splitter
More results

Similar Description - QCS-332

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCS-312+ MINI-QCS-312+ Datasheet
130Kb / 1P
2 Way-90째 Power Splitter
QCS-332+ MINI-QCS-332+ Datasheet
129Kb / 1P
2 Way-90째 Power Splitter
QCH-63 MINI-QCH-63 Datasheet
381Kb / 3P
2 Way-90째 Power Splitter
QCH-272 MINI-QCH-272 Datasheet
452Kb / 3P
2 Way-90째 Power Splitter
QCH-382 MINI-QCH-382 Datasheet
410Kb / 3P
2 Way-90째 Power Splitter
QCH-392 MINI-QCH-392 Datasheet
395Kb / 3P
2 Way-90째 Power Splitter
QCS-592 MINI-QCS-592 Datasheet
282Kb / 3P
2 Way-90째 Power Splitter
QCS-981 MINI-QCS-981 Datasheet
305Kb / 3P
2 Way-90째 Power Splitter
QCV-271 MINI-QCV-271 Datasheet
338Kb / 3P
2 Way-90째 Power Splitter
QCH-652 MINI-QCH-652 Datasheet
451Kb / 3P
2 Way-90째 Power Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com