Electronic Components Datasheet Search
  English  ▼

X  

QCS-332 Datasheet(PDF) 3 Page - Mini-Circuits

Part # QCS-332
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-332 Datasheet(HTML) 3 Page - Mini-Circuits

  QCS-332 Datasheet HTML 1Page - Mini-Circuits QCS-332 Datasheet HTML 2Page - Mini-Circuits QCS-332 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
QCS-332+
TOTAL LOSS
1.0
2.0
3.0
4.0
5.0
6.0
1800 2000 2200 2400 2600 2800 3000 3200 3400
FREQUENCY (MHz)
S-1
S-2
Typical Performance Data
QCS-332+
ISOLATION
0
10
20
30
40
50
1800 2000 2200 2400 2600 2800 3000 3200 3400
FREQUENCY (MHz)
QCS-332+
PHASE UNBALANCE
85
86
87
88
89
90
1800 2000 2200 2400 2600 2800 3000 3200 3400
FREQUENCY (MHz)
QCS-332+
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
1800.00
3.99
2.96
1.03
23.40
88.35
1.31
1.05
1.30
1950.00
3.74
3.14
0.60
24.85
88.39
1.27
1.07
1.25
2000.00
3.67
3.20
0.47
25.37
88.40
1.26
1.08
1.23
2100.00
3.55
3.30
0.25
26.50
88.35
1.23
1.10
1.21
2200.00
3.45
3.39
0.06
27.62
88.29
1.21
1.11
1.18
2300.00
3.38
3.46
0.08
28.54
88.18
1.18
1.13
1.16
2400.00
3.33
3.52
0.19
29.07
88.08
1.15
1.15
1.15
2450.00
3.32
3.55
0.23
28.97
88.04
1.14
1.17
1.14
2500.00
3.30
3.56
0.26
29.08
87.98
1.13
1.17
1.13
2600.00
3.30
3.59
0.29
28.38
87.90
1.10
1.19
1.12
2700.00
3.31
3.60
0.29
27.51
87.87
1.09
1.21
1.11
2800.00
3.36
3.59
0.24
26.62
87.90
1.08
1.23
1.10
2900.00
3.42
3.56
0.15
25.76
88.01
1.08
1.25
1.10
3000.00
3.50
3.51
0.01
25.02
88.22
1.09
1.26
1.10
3300.00
3.90
3.24
0.65
23.60
88.99
1.15
1.26
1.14
1. Total Loss = Insertion Loss + 3dB splitter loss.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com