Electronic Components Datasheet Search
  English  ▼

X  

QCS-722 Datasheet(PDF) 2 Page - Mini-Circuits

Part # QCS-722
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-722 Datasheet(HTML) 2 Page - Mini-Circuits

  QCS-722 Datasheet HTML 1Page - Mini-Circuits QCS-722 Datasheet HTML 2Page - Mini-Circuits QCS-722 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Electrical Specifications at 25°C
Maximum Ratings
Pin Connections
SUM PORT
1
PORT 1 (0°)
4
PORT 2 (+90°)
6
GROUND
2,5
50 OHM TERM EXTERNAL
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
15W* max.
QCS-722+
2 Way-90
° 50Ω
4000 to 7200 MHz
Power Splitter/Combiner
REV. C
M151107
QCS-722+
ED-13415/5
AD/CP/AM
150923
Ultra-Small Ceramic LTCC
Features
• Low insertion loss, 0.6 dB typ.
• High isolation, 17 dB typ.
• Miniature size, 0.079”x0.049”x0.033”
• LTCC construction
• High power
Applications
• Balanced amplifiers
• Phase Shifter
• Modulators
• Attenuator
• DCS, PCS, UMTS
• Point to Point
• WiMax
• WiFi • ISM
*Derate linearly to 7W at 100°C ambient.
Permanent damage may occur if any of these limits are exceeded.
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency
4000
7200
MHz
Insertion Loss
(Avg. Of Coupled Outputs) above 3 dB
4000-4500
0.5
0.8
dB
4500-5100
0.5
0.9
5100-5700
0.6
0.9
5700-5900
0.6
0.9
5900-6400
0.7
0.9
6400-6800
0.7
0.9
6800-7200
0.8
1.1
Isolation
4000-4500
14
18
dB
4500-5100
14
18
5100-5700
15
21
5700-5900
17
23
5900-6400
18
25
6400-6800
17
25
6800-7200
13
17
Phase Unbalance
4000-4500
2.0
7.0
Degree
4500-5100
2.0
7.0
5100-5700
2.0
7.0
5700-5900
2.0
7.0
5900-6400
2.0
7.0
6400-6800
2.0
8.0
6800-7200
5.0
10.0
Amplitude Unbalance
4000-4500
0.4
1.2
dB
4500-5100
0.5
0.7
5100-5700
0.2
0.6
5700-5900
0.2
0.6
5900-6400
0.2
0.6
6400-6800
0.5
1.0
6800-7200
0.5
1.4
VSWR
4000-7200
1.2
:1
Electrical Schematic
Demo Board MCL P/N: TB-489-722+
Suggested PCB Layout (PL-304)
Outline Drawing
A
BC
D
E
F
.079
.049
.033
.014
.012
.012
2.01
1.24
0.84
0.36
0.30
0.30
GH
J
K
wt
.026
.014
.039
.110
grams
0.66
0.36
1.00
2.80
.008
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
(See web site for detail)
CASE STYLE: GE0805C-1
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 2000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com