Electronic Components Datasheet Search
  English  ▼

X  

QCS-722 Datasheet(PDF) 3 Page - Mini-Circuits

Part # QCS-722
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-722 Datasheet(HTML) 3 Page - Mini-Circuits

  QCS-722 Datasheet HTML 1Page - Mini-Circuits QCS-722 Datasheet HTML 2Page - Mini-Circuits QCS-722 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
QCS-722+
TOTAL LOSS
1.0
2.0
3.0
4.0
5.0
6.0
4000 4500 5000 5500 6000 6500 7000 7500
FREQUENCY (MHz)
S-1
S-2
Typical Performance Data
QCS-722+
ISOLATION
0
10
20
30
40
50
4000 4500 5000 5500 6000 6500 7000 7500
FREQUENCY (MHz)
QCS-722+
PHASE UNBALANCE
83
84
85
86
87
88
89
90
91
92
93
4000 4500 5000 5500 6000 6500 7000 7500
FREQUENCY (MHz)
QCS-722+
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
4000.00
3.88
3.11
0.77
20.95
87.67
1.16
1.22
1.18
4400.00
3.68
3.37
0.31
19.50
86.66
1.20
1.28
1.24
4500.00
3.64
3.40
0.24
19.53
86.32
1.20
1.28
1.23
4700.00
3.60
3.48
0.12
19.36
85.72
1.22
1.28
1.22
5000.00
3.56
3.55
0.01
19.42
85.61
1.22
1.30
1.21
5200.00
3.55
3.57
0.02
20.11
86.23
1.21
1.29
1.19
5500.00
3.56
3.60
0.04
21.64
87.37
1.19
1.22
1.21
5700.00
3.56
3.63
0.07
23.15
87.83
1.20
1.18
1.24
6000.00
3.55
3.68
0.13
25.45
88.04
1.20
1.15
1.26
6200.00
3.58
3.71
0.13
25.92
88.18
1.22
1.15
1.27
6400.00
3.65
3.76
0.11
24.64
88.42
1.23
1.19
1.27
6500.00
3.69
3.77
0.08
23.99
88.52
1.24
1.22
1.26
6700.00
3.79
3.76
0.02
22.07
88.21
1.25
1.31
1.26
7000.00
4.01
3.70
0.31
18.77
86.56
1.28
1.45
1.30
7200.00
4.28
3.62
0.66
17.20
84.94
1.31
1.56
1.33
1. Total Loss = Insertion Loss + 3dB splitter loss.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com