Electronic Components Datasheet Search
  English  ▼

X  

AD5590BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD5590BBCZ
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD5590BBCZ Datasheet HTML 37Page - Analog Devices AD5590BBCZ Datasheet HTML 38Page - Analog Devices AD5590BBCZ Datasheet HTML 39Page - Analog Devices AD5590BBCZ Datasheet HTML 40Page - Analog Devices AD5590BBCZ Datasheet HTML 41Page - Analog Devices AD5590BBCZ Datasheet HTML 42Page - Analog Devices AD5590BBCZ Datasheet HTML 43Page - Analog Devices AD5590BBCZ Datasheet HTML 44Page - Analog Devices AD5590BBCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
AD5590
Rev. A | Page 42 of 44
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-205-AC
WITH THE EXCEPTION TO BALL DIAMETER.
SEATING
PLANE
0.35 NOM
0.30 MIN
DETAIL A
*0.50
0.45
0.40
BALL DIAMETER
0.12 MAX
COPLANARITY
0.80 BSC
8.80
BSC SQ
A1 CORNER
INDEX AREA
TOP VIEW
BOTTOM
VIEW
10.00
BSC SQ
BALL A1
PAD CORNER
DETAIL A
2.50 SQ
1.50
1.36
1.21
1.11
1.01
0.91
0.65 REF
0.36 REF
1
A
B
C
D
E
F
G
H
J
K
L
M
2
3
4
5
6
7
8
9
10
11
12
0.60 REF
Figure 74. 80-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-80-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD5590BBC
−40°C to +85°C
80-Ball CSP_BGA
BC-80-2
AD5590BBCZ
−40°C to +85°C
80-Ball CSP_BGA
BC-80-2
EVAL-AD5590EBZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com