Electronic Components Datasheet Search
  English  ▼

X  

FS6127 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS6127
Description  VCXO CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6127 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS6127 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
XT
February 1999
4
2.4.99
)6
9&;2 &ORFN*HQHUDWRU,&
$GYDQFH ,QIRUPDWLRQ
,62
Table 5: DC Electrical Specifications
Unless otherwise stated, VDD = 5V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data
and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σ from typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Supply Current, Dynamic, with Loaded
Outputs
IDD
fXTAL = 13.5MHz; CL = 10pF
20
mA
Voltage Controlled Crystal Oscillator
Crystal Resonator Frequency
fXTAL
Fundamental Mode
10
13.5
15
MHz
Crystal Loading Capacitance
CL(xtal)
As seen by a crystal connected to XIN and
XOUT (@ VXTUNE = 1.65V)
14
pF
Crystal Resonator Motional Capacitance
C1(xtal)
AT cut
25
fF
VCXO Tuning Range
fXTAL = 13.5MHz; CL = 14pF; CMOT = 25fF
300
ppm
VCXO Tuning Characteristic
Note: positive
∆F for positive ∆V
100
ppm/V
Crystal Drive Level
RXTAL=20 ohm; CL = 14pF
200
uW
Clock Output (CLK)
High-Level Output Source Current *
IOH
VO = 2.0V
mA
Low-Level Output Sink Current *
IOL
VO = 0.4V
mA
zOH
VO = 0.1VDD; output driving high
Output Impedance *
zOL
VO = 0.1VDD; output driving low
Ω
Short Circuit Source Current *
IOSH
VO = 0V; shorted for 30s, max.
mA
Short Circuit Sink Current *
IOSL
VO = 5V; shorted for 30s, max.
mA
Table 6: AC Timing Specifications
Unless otherwise stated, VDD = 5V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data
and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σ from typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
CLOCK
(MHz)
MIN.
TYP.
MAX.
UNITS
Clock Outputs (CLKx)
Duty Cycle *
thi / tclk; Measured at VDD/2
45
55
%
Jitter, Absolute Period (pk-pk) *
tj(∆P)
From rising edge to next rising edge at
VDD/2, CL = 10pF
300
ps
Jitter, RMS Long Term (
σ
y(
τ)) *
tj(LT)
From 0-500
µs at V
DD/2, CL = 10pF
compared to ideal clock source
150
ps
Rise Time *
tr
VDD = 5V; VO = 0.5V to 4.5V; CL = 10pF
ns
Fall Time *
tf
VDD = 5V; VO = 4.5V to 0.5V; CL = 10pF
ns
Output Frequency Synthesis Error
(unless otherwise noted in Frequency Table)
0
ppm
VCXO Stabilization Time *
tVCXOSTB
From power valid
10
ms
PLL Stabilization Time *
tPLLSTB
From VCXO stable
500
us



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com