Electronic Components Datasheet Search
  English  ▼

X  

FS6127 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6127
Description  VCXO CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6127 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6127 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6127 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
XT
February 1999
This document contains information on a new product. Specifications and information herein are subject to change without notice.
2.4.99
)6
9&;2&ORFN*HQHUDWRU,&
$GYDQFH ,QIRUPDWLRQ
,62
1.0
Features
•
On-chip tunable voltage-controlled crystal oscillator
circuitry (VCXO) allows precise system frequency
tuning (pull range typically 300ppm)
•
VCXO tuning range: 0-3V
•
Uses inexpensive fundamental-mode crystals
•
Integrated phase-locked loop (PLL) multiplies VCXO
frequency to the higher system frequencies needed
•
5V supply voltage (contact factory for 3.3V)
•
Small circuit board footprint (8-pin 0.150
″ SOIC)
•
Custom frequency selections available - contact your
local AMI Sales Representative for more information
Figure 1: Pin Configuration
1
8
2
3
4
7
6
5
XIN
VDD
XTUNE
VSS
VSS
VDD
CLK
XOUT
8-pin (0.150
″) SOIC
2.0
Description
The FS6127 is a monolithic CMOS clock generator IC
designed to minimize cost and component count in digital
video/audio systems.
At the core of the FS6127 is circuitry that implements a
voltage-controlled crystal oscillator when an external
resonator (nominally 13.5MHz) is attached. The VCXO
allows device frequencies to be precisely adjusted for use
in systems that have frequency matching requirements,
such as digital satellite receivers.
A high-resolution phase-locked loop generates the output
clock frequency (CLK). The CLK frequency is phase-
locked and frequency-locked to the VCXO frequency.
Table 1: Crystal / Output Frequencies
DEVICE
fXIN (MHz)
CLK (MHz)
FS6127-01
13.5
27
NOTE: Contact AMI for custom PLL frequencies and 3.3 volt versions
Figure 2: Block Diagram
VCXO
FS6127
PLL
XOUT
XIN
CLK
XTUNE


Similar Part No. - FS6127

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS612509-01 ETC-FS612509-01 Datasheet
81Kb / 8P
1:9 ZERO DELAY CLOCK BUFFER IC
FS612509-02 ETC-FS612509-02 Datasheet
81Kb / 8P
1:9 ZERO DELAY CLOCK BUFFER IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
More results

Similar Description - FS6127

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
T73227 ETC1-T73227 Datasheet
77Kb / 5P
27 MHz VCXO Clock Generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
VCXO Clock Generator IC
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
Clock Generator with VCXO
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com