Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP235
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 3Page - Texas Instruments TMP235 Datasheet HTML 4Page - Texas Instruments TMP235 Datasheet HTML 5Page - Texas Instruments TMP235 Datasheet HTML 6Page - Texas Instruments TMP235 Datasheet HTML 7Page - Texas Instruments TMP235 Datasheet HTML 8Page - Texas Instruments TMP235 Datasheet HTML 9Page - Texas Instruments TMP235 Datasheet HTML 10Page - Texas Instruments TMP235 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Time (ms)
-2
0
2
4
6
8
10
12
14
16
0
25
50
75
100
125
150
D011
SC70 Package
Frequency (Hz)
1
10
100
1000
10000
100000
1
10
100
1000
D012
Time (ms)
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
-0.5
0
0.5
1
1.5
2
2.5
3
D009
Time (ms)
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
0.5
1
1.5
2
D010
TA (qC)
-50
-25
0
25
50
75
100
125
150
-0.1
-0.05
0
0.05
0.1
D007
TMP235
VDD (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
D008
7
TMP235, TMP236
www.ti.com
SBOS857A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, (unless otherwise noted)
TMP235: VDD = 2.3 to 5.5 V, IOUT = 0 µA, CLOAD = 1000 pF
Figure 7. Line Regulation (Δ°C / ΔVDD) vs. Ambient
Temperature
TMP235: TA = 25°C
Figure 8. Output Voltage vs. Power Supply
TMP235: TA = 25°C
Figure 9. Output vs. Settling Time to Step VDD
TMP235: TA = 25°C, VDD Ramp Rate = 5 V/ms
Figure 10. Output vs. Settling Time to Ramp VDD
TMP235: 1 × 1 (inches) PCB, Air 26°C to Fluid Bath 123°C
Figure 11. Thermal Response (Air-to-Fluid Bath)
TMP235: TA = 25°C, VDD = 5 V, IOUT = 100 µA
Figure 12. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com