Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP235
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 7Page - Texas Instruments TMP235 Datasheet HTML 8Page - Texas Instruments TMP235 Datasheet HTML 9Page - Texas Instruments TMP235 Datasheet HTML 10Page - Texas Instruments TMP235 Datasheet HTML 11Page - Texas Instruments TMP235 Datasheet HTML 12Page - Texas Instruments TMP235 Datasheet HTML 13Page - Texas Instruments TMP235 Datasheet HTML 14Page - Texas Instruments TMP235 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2.3 V to 5.5 V
GND
OUT
VDD
CBP
RMUX
Input
Pin
CFILTER
TI Device
CSAMPLE
Reset
Sample
CMUX
Simplified Input Circuit of
SAR Analog-to-Digital Converter
RSS
RFILTER
11
TMP235, TMP236
www.ti.com
SBOS857A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The features of the TMP235 make the series of devices designed for various general temperature-sensing
applications. The TMP235 and TMP236 devices can operate down to a 2.3-V and a 3.1-V supply with 9-µA
power consumption, respectively. As a result, the series is designed for battery-powered applications. The
TMP23x series is mounted in two surface mount technology packages (SC70 and SOT-23.)
8.2 Typical Applications
8.2.1 Connection to an ADC
Figure 13. Suggested Connections to an ADC Input Stage
8.2.1.1 Design Requirements
See Figure 13 for suggested connections to an ADC input stage. Most CMOS-based ADCs have a sampled data
comparator input structure. When the ADC charges the sampling capacitor (CSAMPLE), the capacitor requires
instantaneous charge from the output of the analog source temperature sensor, such as the TMP23x. Therefore,
the output impedance of the temperature sensor can affect ADC performance. In most cases, adding an external
capacitor (CFILTER) mitigates design challenges. The TMP23x is specified and characterized with a 1000-pF
maximum capacitive load (CLOAD). Figure 13 shows CLOAD as the sum of CFILTER + CMUX + CSAMPLE. TI
recommends maximizing the CFILTER value while allowing for the maximum specified ADC input capacitance
(CMUX + CSAMPLE) to limit the total CLOAD at 1000 pF. In most cases, a 680 pF CFILTER provides a reasonable
allowance for ADC input capacitance to minimize ADC sampling error and reduce noise coupling. An optional
series resistor (RFILTER) and CFILTER provides additional low-pass filtering to reject system level noise. TI
recommends placing RFILTER and CFILTER as close as possible to the ADC input for optimal performance.
8.2.1.2 Detailed Design Procedure
Depending on the input characteristics of the ADC, an external CFILTER may be required. The value of CFILTER
depends on the size of the sampling capacitor (CSAMPLE) and the sampling frequency while observing a maximum
CLOAD of 1000 pF. The capacitor requirements can vary because the input stages of all ADCs are not identical.
Figure 13 shows a general ADC application as an example only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com