Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461-SP
Description  Radiation Hardened Remote and Local Digital Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461-SP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 16Page - Texas Instruments TMP461-SP Datasheet HTML 17Page - Texas Instruments TMP461-SP Datasheet HTML 18Page - Texas Instruments TMP461-SP Datasheet HTML 19Page - Texas Instruments TMP461-SP Datasheet HTML 20Page - Texas Instruments TMP461-SP Datasheet HTML 21Page - Texas Instruments TMP461-SP Datasheet HTML 22Page - Texas Instruments TMP461-SP Datasheet HTML 23Page - Texas Instruments TMP461-SP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
20
TMP461-SP
SBOS876A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
These flags stay high until the status register is read or are reset by a POR when pin 7 is configured as ALERT. Only bit 2 (OPEN) stays
high until the status register is read or is reset by a POR when pin 7 is configured as THERM2.
7.6.1.3 Status Register
The status register reports the state of the temperature ADC, the temperature limit comparators, and the
connection to the remote sensor. Table 6 lists the status register bits. The status register is read-only and is read
by accessing pointer address 02h.
Table 6. Status Register Format
STATUS REGISTER (Read = 02h, Write = N/A)
BIT NUMBER
BIT NAME
FUNCTION
7
BUSY
= 1 when the ADC is converting
6
LHIGH(1)
= 1 when the local high temperature limit is tripped
5
LLOW(1)
= 1 when the local low temperature limit is tripped
4
RHIGH(1)
= 1 when the remote high temperature limit is tripped
3
RLOW(1)
= 1 when the remote low temperature limit is tripped
2
OPEN(1)
= 1 when the remote sensor is an open circuit
1
RTHRM
= 1 when the remote THERM limit is tripped
0
LTHRM
= 1 when the local THERM limit is tripped
The BUSY bit = 1 if the ADC is making a conversion. This bit is set to 0 if the ADC is not converting.
The LHIGH and LLOW bits indicate a local sensor overtemperature or undertemperature event, respectively. The
RHIGH and RLOW bits indicate a remote sensor overtemperature or undertemperature event, respectively. The
HIGH bit is set when the temperature exceeds the high limit in alert mode and therm mode and the low bit is set
when the temperature goes below the low limit in alert mode. The OPEN bit indicates an open-circuit condition
on the remote sensor. When pin 7 is configured as the ALERT output, the five flags are NORed together. If any
of the five flags are high, the ALERT interrupt latch is set and the ALERT output goes low. Reading the status
register clears the five flags, provided that the condition that caused the setting of the flags is not present
anymore (that is, the value of the corresponding result register is within the limits, or the remote sensor is
connected properly and functional). The ALERT interrupt latch (and the ALERT pin correspondingly) is not reset
by reading the status register. The reset is done by the master reading the temperature sensor device address to
service the interrupt, and only if the flags are reset and the condition that caused them to be set is no longer
present.
The RTHRM and LTHRM flags are set when the corresponding temperature exceeds the programmed THERM
limit. These flags are reset automatically when the temperature returns to within the limits. The THERM output
goes low in the case of overtemperature on either the local or remote channel, and goes high as soon as the
measurements are within the limits again. The THERM hysteresis register (21h) allows hysteresis to be added so
that the flag resets and the output goes high when the temperature returns to or goes below the limit value minus
the hysteresis value.
When pin 7 is configured as THERM2, only the high limits matter. The LHIGH and RHIGH flags are set if the
respective temperatures exceed the limit values, and the pin goes low to indicate the event. The LLOW and
RLOW flags have no effect on THERM2 and the output behaves the same way when configured as THERM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com